Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC573010A Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LC573010A
Szczegółowy opis  4-bit Single Chip Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC573010A Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LC573010A Datasheet HTML 4Page - Sanyo Semicon Device LC573010A Datasheet HTML 5Page - Sanyo Semicon Device LC573010A Datasheet HTML 6Page - Sanyo Semicon Device LC573010A Datasheet HTML 7Page - Sanyo Semicon Device LC573010A Datasheet HTML 8Page - Sanyo Semicon Device LC573010A Datasheet HTML 9Page - Sanyo Semicon Device LC573010A Datasheet HTML 10Page - Sanyo Semicon Device LC573010A Datasheet HTML 11Page - Sanyo Semicon Device LC573010A Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
No. 5899-10/12
LC573010A, 573015A
Electrical Characteristics at Ta = –30 to +70°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
RIN1A
VDD = 2.9 V, VIL = 0.4 V,
150
300
1000
k
S1 to S4, M1 to M4: Low level hold Tr, Figure 3
Input impedance
RIN1B
VDD = 2.9 V, VIL = 0.4 V, S1 to S4, M1 to M4:
30
50
100
k
Low level pull-down Tr, Figure 3
RIN2
VDD = 2.9 V, VIH = VDD, RES
10
300
k
Output high level voltage VOH1
VDD = 2.9 V, IOH = –450 µA, P00 to P03, P10 to P13
VDD–0.45
V
Output off-leak current
|IOFF|
VDD = 2.9 V, P00 to P03, P10 to P13
VIN = VSS
1.0
µA
|IOFF|
VIN = VDD
1.0
µA
Output high level voltage VOH2
VDD = 2.9 V, IOH = –10 mA, P20, P21
VDD–1.5
V
Output off-leak current
|IOFF|
VDD = 2.9 V, P20, P21
VIN = VSS
1.0
µA
|IOFF|
VIN = VDD
1.0
µA
Output current (H)
IOH1
VDD = 3.0 V, VOH = VDD–1.5 V, CA
–12
–6
mA
Output current (L)
IOL1
VDD = 3.0 V, VOH = 0.9 V, CA
2
5
mA
HALT-mode supply
IDD1
VDD = 3.0 V, 455 kHZ CR oscillation, Ccd = Ccg = 150 pF,
80
300
µA
current
Ta
≤ 50˚C, Figure 5
Operating Current
IDD2
VDD = 3.0 V, 455 kHz CR oscillation, Ccd = Ccg = 150 pF,
150
500
µA
Ta
≤ 50˚C, Figure 5
Supply leak current 1
ILEAK1
VDD = 3.0 V
Ta = 25˚C
0.2
1
µA
Supply leak current 2
ILEAK2
Ta = 50˚C
1
5
µA
Oscillator start-up
VST
2.3
V
voltage
Ccd = Ccg = 150 pF, 455 kHz CR oscillation, Figure 4
Oscillator sustaining
VSUS
2.0
V
voltage
Oscillator start-up time
tST
VDD = 2.3 V, Ccd = Ccg = 150 pF, 455 kHz CR oscillation, Figure 4
30
ms
Recommended Oscillators
Oscillator
Manufacturer
Part number
Ccg
Ccd
455 kHz ceramic
Kyocera
KRB-455BK/Y
150 pF
150 pF
oscillator
Murata
CSB455E
150 pF
150 pF
Fuji Ceramics
POE-455
150 pF
150 pF


Podobny numer części - LC573010A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC573102A SANYO-LC573102A Datasheet
181Kb / 16P
   4-bit Single Chip Microcontroller
LC573104A SANYO-LC573104A Datasheet
181Kb / 16P
   4-bit Single Chip Microcontroller
LC5732 SANYO-LC5732 Datasheet
442Kb / 14P
   4-Bit Microcomputer with LCD Driver
LC573202A SANYO-LC573202A Datasheet
622Kb / 18P
   4-Bit Microcontroller with 2K-Byte ROM, 64 횞 4Bits RAM and LCD Driver
LC5732H SANYO-LC5732H Datasheet
442Kb / 14P
   4-Bit Microcomputer with LCD Driver
More results

Podobny opis - LC573010A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com