Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1213D Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części ADC1213D
Szczegółowy opis  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213D Arkusz danych(HTML) 1 Page - NXP Semiconductors

  ADC1213D_11 Datasheet HTML 1Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 2Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 3Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 4Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 5Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 6Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 7Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 8Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1.
General description
The ADC1213D is a dual-channel 12-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performance and low power at sample rates up to 125 Msps. Pipelined
architecture and output error correction ensure the ADC1213D is accurate enough to
guarantee zero missing codes over the entire operating range. Supplied from a 3 V
source for analog and a 1.8 V source for the output driver, it embeds two serial outputs.
Each lane is differential and complies with the JESD204A standard. An integrated Serial
Peripheral Interface (SPI) allows the user to easily configure the ADC. A set of IC
configurations is also available via the binary level control pins taken, which are used at
power-up. The device also includes a programmable full-scale SPI to allow flexible input
voltage range of 1 V to 2 V (peak-to-peak).
Excellent dynamic performance is maintained from the baseband to input frequencies of
170 MHz or more, making the ADC1213D ideal for use in communications, imaging, and
medical applications.
2.
Features and benefits
ADC1213D series
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;
serial JESD204A interface
Rev. 6 — 9 February 2011
Product data sheet
SNR, 70 dBFS; SFDR, 86 dBc
Input bandwidth, 600 MHz
Sample rate up to 125 Msps
Power dissipation, 995 mW at 80 Msps
Clock input divided by 2 for less jitter
contribution
SPI register programming
3 V, 1.8 V single supplies
Duty cycle stabilizer (DCS)
Flexible input voltage range:
1V(p-p)to2V(p-p)
High IF capability
Two configurable serial outputs
Offset binary, two’s complement, gray
code
Compliant with JESD204A serial
transmission standard
Power-down mode and Sleep mode
Pin compatible with the
ADC1613D series, ADC1413D series,
and ADC1113D125
HVQFN56 package


Podobny numer części - ADC1213D_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results

Podobny opis - ADC1213D_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com