Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC651154L Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LC651154L
Szczegółowy opis  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651154L Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LC651154L Datasheet HTML 2Page - Sanyo Semicon Device LC651154L Datasheet HTML 3Page - Sanyo Semicon Device LC651154L Datasheet HTML 4Page - Sanyo Semicon Device LC651154L Datasheet HTML 5Page - Sanyo Semicon Device LC651154L Datasheet HTML 6Page - Sanyo Semicon Device LC651154L Datasheet HTML 7Page - Sanyo Semicon Device LC651154L Datasheet HTML 8Page - Sanyo Semicon Device LC651154L Datasheet HTML 9Page - Sanyo Semicon Device LC651154L Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
System Block Diagram
No. 6278-6/39
LC651154N, 651154F, 651154L, 651152N, 651152F, 651152L
Pin Functions
OSC1, OSC2: Connections for the oscillator capacitor and resistor or ceramic element
TEST:
IC testing.
RES:
Reset
INT:
Interrupt request input
PA0 to PA3:
Common I/O ports A0 to A3
SI:
Serial input
PC0 to PC3:
Common I/O ports C0 to C3
SO:
Serial output
PD0 to PD3:
Common I/O ports D0 to D3
SCK:
Serial clock input output
PE0 to PE3:
Common I/O ports E0 to E3
AD0 to AD7: A/D converter analog inputs
PF0 to PF3:
Common I/O ports F0 to F3
AV+, AV:
A/D converter reference voltage inputs
PG0 to PG3:
Common I/O ports G0 to G3
WDR:
Watchdog timer reset input
Note: Pins SI, SO, SCK, and INT are shared function pins also used as PF0:3.
RAM:
Data memory
ROM:
Program memory
F:
Flag
PC:
Program counter
WR:
Working register
INT:
Interrupt control
AC:
Accumulator
IR:
Instruction register
ALU:
Arithmetic and logic unit
I.DEC:
Instruction decoder
DP:
Data pointer
CF, CSF:
Carry flag and carry save flag
E:
E register
ZF, ZSF:
Zero flag and zero save flag
CTL:
Control register
EXTF:
External interrupt request flag
OSC:
Oscillator circuit
TMF:
Internal interrupt request flag
TM:
Timer
STS:
Status register


Podobny numer części - LC651154L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC651102F SANYO-LC651102F Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102F SANYO-LC651102F Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC651102F SANYO-LC651102F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
LC651102L SANYO-LC651102L Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102L SANYO-LC651102L Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
More results

Podobny opis - LC651154L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com