Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC651152L Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LC651152L
Szczegółowy opis  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651152L Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LC651152L Datasheet HTML 5Page - Sanyo Semicon Device LC651152L Datasheet HTML 6Page - Sanyo Semicon Device LC651152L Datasheet HTML 7Page - Sanyo Semicon Device LC651152L Datasheet HTML 8Page - Sanyo Semicon Device LC651152L Datasheet HTML 9Page - Sanyo Semicon Device LC651152L Datasheet HTML 10Page - Sanyo Semicon Device LC651152L Datasheet HTML 11Page - Sanyo Semicon Device LC651152L Datasheet HTML 12Page - Sanyo Semicon Device LC651152L Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
No. 6278-9/39
LC651154N, 651154F, 651154L, 651152N, 651152F, 651152L
Oscillator Circuit Options
Option
Circuit
Conditions and other notes
Ceramic
oscillator element
Divider Circuit Options
Option
Circuit
Conditions and other notes
• This option can be used with any of the three oscillator
options.
• The oscillator frequency or external clock frequency must
not exceed 1444 kHz. (LC651154N, LC651152N)
• The oscillator frequency or external clock frequency must
not exceed 4330 kHz. (LC651154F, LC651152F)
• The oscillator frequency or external clock frequency must
not exceed 1040 kHz. (LC651154L, LC651152L)
• This option can only be used with the external clock and the
ceramic oscillator options.
• The oscillator frequency or external clock frequency must
not exceed 4330 kHz.
• This option can only be used with the external clock and the
ceramic oscillator options.
• The oscillator frequency or external clock frequency must
not exceed 4330 kHz.
Caution: The following tables summarize the oscillator and divider circuit options. Use care when selecting these options.
External clock
Two-pin RC oscillator
Ceramic oscillator
The OSC2 pin must be left open.
No divider
Built-in divide-by-three circuit
Built-in divide-by-four circuit
Divide-by-3
Divide-by-4


Podobny numer części - LC651152L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC651102F SANYO-LC651102F Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102F SANYO-LC651102F Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC651102F SANYO-LC651102F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
LC651102L SANYO-LC651102L Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102L SANYO-LC651102L Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
More results

Podobny opis - LC651152L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com