Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC651301A Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LC651301A
Szczegółowy opis  4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651301A Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LC651301A Datasheet HTML 6Page - Sanyo Semicon Device LC651301A Datasheet HTML 7Page - Sanyo Semicon Device LC651301A Datasheet HTML 8Page - Sanyo Semicon Device LC651301A Datasheet HTML 9Page - Sanyo Semicon Device LC651301A Datasheet HTML 10Page - Sanyo Semicon Device LC651301A Datasheet HTML 11Page - Sanyo Semicon Device LC651301A Datasheet HTML 12Page - Sanyo Semicon Device LC651301A Datasheet HTML 13Page - Sanyo Semicon Device LC651301A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC651306A/04A/02A/01A
No.6727-10/21
1. Absolute Maximum Ratings at Ta=25
°C, VSS=0V
Parameter
Symbol
Conditions
Applicable pins
and notes
Ratings
unit
Maximum supply
voltage
VDD max
VDD
-0.3 to
+7.0
Output voltage
VO
OSC2
Output
voltage
generated can be
over the maximum
limit of the VDD.
VI (1)
OSC1 (Note 1)
-0.3 to VDD+0.3
Input voltage
VI (2)
TEST, RES
AV+, AV-
-0.3 to VDD+0.3
VIO (1)
PC0 to 3, PD0 to 3
Open-drain
specification ports
-0.3 to +15
VIO (2)
PC0 to 3, PD0 to 3
Pull-up
resistor
specification ports
-0.3 to VDD+0.3
I/O voltage
VIO (3)
PA0 to 3, PE0, 1, PF0 to 3
-0.3 to VDD+0.3
V
Peak
output
current
IOP
I/O Port
-2 to +20
IOA
Average current applied to a pin for
100 ms
I/O Port
-2 to +20
∑IOA(1)
The total current of PC0 to 3, PD0 to 3
and PE0 to 1. (Note 2)
PC0 to 3
PD0 to 3
PE0 to 1
-15 to +100
Average
output
current
∑IOA(2)
The total current of PF0 to 3 and PA0
to 3. (Note 2)
PF0 to 3
PA0 to 3
-15 to +100
mA
Pd max (1)
Ta=-40 to +85
°C (DIP package)
310
Pd max (2)
Ta=-40 to +85
°C (MFP package)
220
Maximum power
consumption
Pd max (3)
Ta=-40 to +85
°C (SSOP package)
160
mW
Operating
temperature
Topr
-40 to +85
Storage
temperature
Tstg
-55 to +125
°C


Podobny numer części - LC651301A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC651301A SANYO-LC651301A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
More results

Podobny opis - LC651301A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC6538D SANYO-LC6538D Datasheet
758Kb / 28P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR LARGE-SCALE CONTROL-ORIENTED APPLICATIONS
LC5852N SANYO-LC5852N Datasheet
357Kb / 29P
   Four-Bit Single-Chip Microcontroller with On-Chip LCD Drivers for Small-Scale Control in Medium-Speed Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com