Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC651432L Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LC651432L
Szczegółowy opis  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651432L Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LC651432L Datasheet HTML 6Page - Sanyo Semicon Device LC651432L Datasheet HTML 7Page - Sanyo Semicon Device LC651432L Datasheet HTML 8Page - Sanyo Semicon Device LC651432L Datasheet HTML 9Page - Sanyo Semicon Device LC651432L Datasheet HTML 10Page - Sanyo Semicon Device LC651432L Datasheet HTML 11Page - Sanyo Semicon Device LC651432L Datasheet HTML 12Page - Sanyo Semicon Device LC651432L Datasheet HTML 13Page - Sanyo Semicon Device LC651432L Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Oscillator Divider Options for the LC651431N/LC651432N, LC651431F/LC651432F, and
LC651431L/LC651432L
No. 6498-10/39
LC651432N/F/L, 651431N/F/L
LC651432N, LC651431N
Oscillator type
Frequency
Divider option (cycle time)
VDD range
Notes
Ceramic oscillator
400 kHz
1/1 (10 µs)
3 to 6 V
The divide-by-three and divide-by-four
circuits cannot be used.
800 kHz
1/1 (5 µs)
3 to 6 V
1/3 (15 µs)
3 to 6 V
1/4 (20 µs)
3 to 6 V
1 MHz
1/1 (4 µs)
3 to 6 V
1/3 (12 µs)
3 to 6 V
1/4 (16 µs)
3 to 6 V
4 MHz
1/3 (3 µs)
3 to 6 V
The no-divider (1/1) option cannot be used.
1/4 (4 µs)
3 to 6 V
Single-pin external clock input
200 to 1444 kHz
1/1 (20 to 2.77 µs)
3 to 6 V
600 to 4330 kHz
1/3 (20 to 2.77 µs)
3 to 6 V
800 to 4330 kHz
1/4 (20 to 3.70 µs)
3 to 6 V
External clock provided by a
As above
2-pin RC oscillator circuit
2-pin RC oscillator
Using the no-divider (1/1) option and the
3 to 6 V
recommended circuit constants. If the use of circuit
values other than the recommended values is unavoidable, the
frequencies, divider options, and VDD ranges specified for the
single-pin external clock input option must be strictly observed.
External clock used with the
The IC cannot be driven by an external clock with this option. If external clock drive is required, select either the external
ceramic oscillator option
clock option or the 2-pin RC oscillator option
LC651432F, LC651431F
Oscillator type
Frequency
Divider option (cycle time)
VDD range
Notes
Ceramic oscillator
4 MHz
1/1 (1 µs)
3 to 6 V
Single-pin external clock input
200 to 4330 kHz
1/1 (20 to 0.92 µs)
3 to 6 V
External clock used with the
The IC cannot be driven by an external clock with this option. If external clock drive is required, select the external clock
ceramic oscillator circuit
option.
LC651432L, LC651431L
Oscillator type
Frequency
Divider option (cycle time)
VDD range
Notes
Ceramic oscillator
400 kHz
1/1 (10 µs)
2.2 to 6 V
The divide-by-three and divide-by-four
circuits cannot be used.
4 MHz
1/4 (4 µs)
2.2 to 6 V
The no-divider (1/1) and divide-by-three option
cannot be used.
Single-pin external clock input
200 to 1040 kHz
1/1 (20 to 3.84 µs)
2.2 to 6 V
600 to 3120 kHz
1/3 (20 to 3.84 µs)
2.2 to 6 V
800 to 4160 kHz
1/4 (20 to 3.84 µs)
2.2 to 6 V
External clock provided by a
As above
2-pin RC oscillator circuit
2-pin RC oscillator
Using the no-divider (1/1) option and the
2.2 to 6 V
recommended circuit constants. If the use of circuit
values other than the recommended values is unavoidable, the
frequencies, divider options, and VDD ranges specified for the
single-pin external clock input option must be strictly observed.
External clock used with the
The IC cannot be driven by an external clock with this option. If external clock drive is required, select either the external
ceramic oscillator option
clock option or the 2-pin RC oscillator option


Podobny numer części - LC651432L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC6514B SANYO-LC6514B Datasheet
461Kb / 16P
   SINGLE-CHIP 4-BIT MICROCOMPUTER (LOW-THRESHOLD INPUT, ON-CHIP FLT DRIVER)
More results

Podobny opis - LC651432L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com