Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC6529L Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LC6529L
Szczegółowy opis  4-Bit Microcomputer for Small-Scale Control Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6529L Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LC6529L Datasheet HTML 5Page - Sanyo Semicon Device LC6529L Datasheet HTML 6Page - Sanyo Semicon Device LC6529L Datasheet HTML 7Page - Sanyo Semicon Device LC6529L Datasheet HTML 8Page - Sanyo Semicon Device LC6529L Datasheet HTML 9Page - Sanyo Semicon Device LC6529L Datasheet HTML 10Page - Sanyo Semicon Device LC6529L Datasheet HTML 11Page - Sanyo Semicon Device LC6529L Datasheet HTML 12Page - Sanyo Semicon Device LC6529L Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Specifications
LC6529N
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Note: 1. When the oscillator circuit in Figure 3 and the guaranteed constant are used, this is guaranteed over the full amplitude.
2. Averaged over 100-ms interval.
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V, VDD = 3.0 to 6.0 V
Note: * Maintain the power supply voltage at VDD until the HALT instruction has completed execution, placing the chip in the standby mode. Block
chattering from entering PA3 during the HALT instruction execution cycle.
No. 5117-9/39
LC6529N, LC6529F, LC6529L
Parameter
Symbol
Conditions
min
typ
max
Unit
Maximum supply voltage
VDD max
VDD
–0.3
+7.0
V
VI1
OSC1*1
–0.3
VDD + 0.3
Input voltage
VI2
TEST, RES
–0.3
VDD + 0.3
V
VI3
Port E (PE) configuration
–0.3
VDD + 0.3
Output voltage
VO
OSC2
Voltages up to that generated allowed.
V
I/O voltages
VIO1
Open-drain (OD) configuration
–0.3
+15
V
VIO2
Pull-up (PU) resistor configuration
–0.3
VDD + 0.3
Peak output current
IOP
PA, PC, PD
–2
+20
mA
IOA
PA, PC, PD: Average for pin over 100-ms interval
–2
+20
Average output current
ΣI
OA1
PA: Total current for pins PA0 to PA3*2
–6
+40
mA
ΣI
OA2
PC, PD: Total current for pins PC0 to PC3 and
–14
+90
PD0 to PD3*2
Pd max1
Ta = –40 to +85°C (DIP24S)
360
Allowable power dissipation
Pd max2
Ta = –40 to +85°C (SSOP24)
165
mW
Pd max3
Ta = –40 to +85°C (MFP30S)
150
Operating temperature
Topr
–40
+85
°C
Storage temperature
Tstg
–55
+125
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
3.0
6.0
V
Standby voltage
VST
VDD: Preserves contents of RAM and registers*.
1.8
6.0
V
VIH1
Open-drain (OD) configuration: With output N-channel
0.7 VDD
13.5
transistor off
VIH2
Pull-up (PU) resistor configuration: With output
0.7 VDD
VDD
Input high level voltage
N-channel transistor off
V
VIH3
PE: Using port E configuration
0.7 VDD
VDD
VIH4
RES: VDD = 1.8 to 6 V
0.8 VDD
VDD
VIH5
OSC1: Using external clock option
0.8 VDD
VDD
VIL1
PA, PC, PD: With output N-channel transistor off,
VSS
0.3 VDD
VDD = 4 to 6 V
VIL2
PA, PC, PD: With output N-channel transistor off
VSS
0.25 VDD
VIL3
PE: Using port E configuration, VDD = 4 to 6 V
VSS
0.3 VDD
VIL4
PE: Using port E configuration
VSS
0.25 VDD
Input low level voltage
VIL5
OSC1: Using external clock option, VDD = 4 to 6 V
VSS
0.25 VDD
V
VIL6
OSC1: Using external clock option
VSS
0.2 VDD
VIL7
TEST: VDD = 4 to 6 V
VSS
0.3 VDD
VIL8
TEST
VSS
0.25 VDD
VIL9
RES: VDD = 4 to 6 V
VSS
0.25 VDD
VIL10
RES
VSS
0.2 VDD
Operating frequency
fop
Using the built-in 1/3 or 1/4 frequency dividers extends
200 (20)
1444 (2.77) kHz (µs)
(cycle time)
(Tcyc)
the maximum to 4.33 MHz.
Continued on next page.


Podobny numer części - LC6529L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC6529L SANYO-LC6529L Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Podobny opis - LC6529L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC6538D SANYO-LC6538D Datasheet
758Kb / 28P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR LARGE-SCALE CONTROL-ORIENTED APPLICATIONS
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com