Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1713T Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TEA1713T
Szczegółowy opis  Resonant power supply control IC with PFC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1713T Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TEA1713T Datasheet HTML 6Page - NXP Semiconductors TEA1713T Datasheet HTML 7Page - NXP Semiconductors TEA1713T Datasheet HTML 8Page - NXP Semiconductors TEA1713T Datasheet HTML 9Page - NXP Semiconductors TEA1713T Datasheet HTML 10Page - NXP Semiconductors TEA1713T Datasheet HTML 11Page - NXP Semiconductors TEA1713T Datasheet HTML 12Page - NXP Semiconductors TEA1713T Datasheet HTML 13Page - NXP Semiconductors TEA1713T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
TEA1713T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 9 February 2011
10 of 47
NXP Semiconductors
TEA1713T
Resonant power supply control IC with PFC
7.4 Enable input (pin SSHBC/EN)
The power supply application can be completely disabled by pulling pin SSHBC/EN LOW.
Figure 4 illustrates the internal functionality. When a voltage is present on pin SUPHV or
on pin SUPIC, a current Ipu(EN) (typ. 42 μA) flows out of SSHBC/EN. If the pin is not
pulled-down, this current will lift the voltage up to Vpu(EN) (typ. 3 V). Since this voltage is
above both Ven(PFC)(EN) (typ. 1.2 V) and Ven(IC)(EN) (typ. 2.2 V), the IC will be completely
enabled.
The IC can be completely disabled by pulling the voltage on SSHBC/EN down below both
Ven(PFC)(EN) and Ven(IC)(EN) via an opto-coupler driven from the secondary side of the HBC
transformer (see Figure 4). The PFC controller will stop switching immediately, but the
HBC controller will continue switching until the low-side stroke is active. It is also possible
to control the voltage on SSHBC/EN from another circuit on the secondary side via a
diode. The external pull-down current must be larger than the internal soft start charge
current Iss(hf)(SSHBC).
If the voltage on SSHBC/EN is pulled down below Ven(IC)(EN), but not below Ven(PFC)(EN),
only the HBC will be disabled. This feature can be useful when another power converter is
connected to the boost voltage of the PFC.
The low-side power switch of the HBC will be on when the HBC is disabled via the
SSHBC/EN pin.
Boost charge
Boost voltage is built up by operational PFC.
Operational supply
Output voltage is generated. Both PFC and HBC controllers are fully operational.
Restart
Activated when a protection function is triggered. Restart timer is activated. During this time,
PFC and HBC controllers are disabled and CSUPREG is not charged. CSUPIC is charged.
Protection shut-down
Activated when a protection function is triggered. IC is not operational. PFC and HBC controllers
are disabled and CSUPIC and CSUPREG are not charged.
Table 3.
Operating states …continued
State
Description


Podobny numer części - TEA1713T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
More results

Podobny opis - TEA1713T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1716T PHILIPS-TEA1716T Datasheet
692Kb / 47P
   Resonant power supply control IC with PFC
Rev. 3-30 November 2012
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
   Resonant power supply control IC with PFC
Rev. 1-21 June 2012
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com