Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF7241 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADF7241
Szczegółowy opis  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Arkusz danych(HTML) 5 Page - Analog Devices

  ADF7241 Datasheet HTML 1Page - Analog Devices ADF7241 Datasheet HTML 2Page - Analog Devices ADF7241 Datasheet HTML 3Page - Analog Devices ADF7241 Datasheet HTML 4Page - Analog Devices ADF7241 Datasheet HTML 5Page - Analog Devices ADF7241 Datasheet HTML 6Page - Analog Devices ADF7241 Datasheet HTML 7Page - Analog Devices ADF7241 Datasheet HTML 8Page - Analog Devices ADF7241 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
ADF7241
Rev. 0 | Page 5 of 72
SPECIFICATIONS
VDD_BAT = 1.8 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted. Typical specifications are at VDD_BAT = 3.6 V, TA = 25°C,
fCHANNEL = 2450 MHz. All measurements are performed using the ADF7241 reference design, RFIO2 port, unless otherwise noted.
GENERAL SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
GENERAL PARAMETERS
Voltage Supply Range
VDD_BAT Input
1.8
3.6
V
Frequency Range
2400
2483.5
MHz
Operating Temperature Range
−40
+85
°C
Data Rate
250
kbps
RF FREQUENCY SYNTHESIZER SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions
CHANNEL FREQUENCY RESOLUTION
10
kHz
PHASE ERROR
3
Degrees
Receive mode; integration bandwidth from 10 kHz
to 400 kHz
1.5
Degrees
Transmit mode; integration bandwidth from 10 kHz
to 1800 kHz
VCO CALIBRATION TIME
52
μs
Applies to all modes
SYNTHESIZER SETTLING TIME
Frequency synthesizer settled to <±5 ppm of the
target frequency within this time following a VCO
calibration
53
μs
Receive mode
80
μs
Transmit mode
PHASE NOISE
Receive mode
−135
dBc/Hz
10 MHz frequency offset
−145
dBc/Hz
≥50 MHz frequency offset
REFERENCE AND CLOCK-RELATED
SPURIOUS
70
dBc
Receive mode; fCHANNEL = 2405 MHz, 2450 MHz, and
2480 MHz
INTEGER BOUNDARY SPURS
60
dBc
Receive mode; measured at 400 kHz offset from
fCHANNEL = 2405 MHz, 2418 MHz, 2431 MHz,
2444 MHz, 2457 MHz, 2470 MHz
CRYSTAL OSCILLATOR
Crystal Frequency
26
MHz
Parallel load resonant crystal
Maximum Parallel Load Capacitance
18
pF
Minimum Parallel Load Capacitance
7
pF
Maximum Crystal ESR
365.3
Ω
Guarantees maximum crystal frequency error of
0.2 ppm; 33 pF on XOSC26P and XOSC26N
Sleep-to-Idle Wake-Up Time
300
μs
15 pF load on XOSC26N and XOSC26P


Podobny numer części - ADF7241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
ADF7242BCPZ AD-ADF7242BCPZ Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
ADF7242BCPZ-RL AD-ADF7242BCPZ-RL Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results

Podobny opis - ADF7241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com