Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL312 Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL312
Szczegółowy opis  3-Axis, ±1.5 g/±3 g/±6 g/±12 g Digital Accelerometer
Pobierz  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXL312
Rev. 0 | Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE SOLDERED TO THE GROUND PLANE.
24 SDA/SDI/SDIO
23 SDO/ALT ADDRESS
22 RESERVED
21 INT2
20 INT1
19 NC
18 NC
17 NC
1
2
3
4
5
6
7
8
GND
RESERVED
GND
GND
VS
CS
RESERVED
NC
TOP VIEW
(Not to Scale)
ADXL312
Figure 2. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
This pin must be connected to ground.
2
Reserved
Reserved. This pin must be connected to VS or left open.
3
GND
This pin must be connected to ground.
4
GND
This pin must be connected to ground.
5
VS
Supply Voltage.
6
CS
Chip Select.
7
Reserved
Reserved. This pin must be left open.
8 to19
NC
No Connect. Do not connect to this pin.
20
INT1
Interrupt 1 Output.
21
INT2
Interrupt 2 Output.
22
Reserved
Reserved. This pin must be connected to GND or left open.
23
SDO/ALT ADDRESS
Serial Data Out, Alternate I2C Address Select.
24
SDA/SDI/SDIO
Serial Data (I2C), Serial Data In (SPI 4-Wire), Serial Data In/Out (SPI 3-Wire).
25
NC
No Connect. Do not connect to this pin.
26
SCL/SCLK
Serial Communications Clock.
27 to 30
NC
No Connect. Do not connect to this pin.
31
VDD I/O
Digital Interface Supply Voltage.
32
NC
No Connect.
EP
The exposed pad must be soldered to the ground plane.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl