Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS450 Arkusz danych(PDF) 21 Page - Analog Devices

Numer części ADXRS450
Szczegółowy opis  High Performance, Digital Output Gyroscope
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS450 Arkusz danych(HTML) 21 Page - Analog Devices

Back Button ADXRS450_11 Datasheet HTML 17Page - Analog Devices ADXRS450_11 Datasheet HTML 18Page - Analog Devices ADXRS450_11 Datasheet HTML 19Page - Analog Devices ADXRS450_11 Datasheet HTML 20Page - Analog Devices ADXRS450_11 Datasheet HTML 21Page - Analog Devices ADXRS450_11 Datasheet HTML 22Page - Analog Devices ADXRS450_11 Datasheet HTML 23Page - Analog Devices ADXRS450_11 Datasheet HTML 24Page - Analog Devices ADXRS450_11 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADXRS450
Rev. 0 | Page 21 of 28
MEMORY REGISTER DEFINITIONS
The SPI accessible memory registers are described in this section.
As explained in the previous section, when requesting data
from a memory register, only the first sequential memory
address need be addressed. The data returned by the device
contain 16 bits of memory register information. Bits[15:8]
contain the MSB of the requested information, and Bits[7:0]
contain the LSB.
Rate Registers
Addresses:
0x00 (RATE1)
0x01 (RATE0)
Register update rate:
500 Hz
Scale factor:
80 LSB/°/sec
The rate registers contain the temperature compensated rate output
of the device filtered to 80 Hz. This data can also be accessed by
issuing a sensor data read request to the device. The data is pre-
sented as a 16-bit, twos complement number.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Temperature (TEMx) Registers
Addresses:
0x02 (TEM1),
0x03 (TEM0)
Register update rate:
500 Hz
Scale factor:
5 LSB/°C
The TEM register contains a value corresponding to the temper-
ature of the device. The data is presented as a 10-bit, twos
complement number. 0 LSB corresponds to a temperature of
approximately 45°C.
MSB
LSB
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(Unused)
Table 16.
Temperature
Value of TEM1:TEM0
45°C
0000 0000 00XX XXXX
85°C
0011 0010 00XX XXXX
0°C
1100 0111 11XX XXXX
Low CST (LOCST) Memory Registers
Addresses:
0x04 (LOCST1)
0x05 (LOCST0)
Register update rate:
1000 Hz
Scale factor:
80 LSB/°/sec
The LOCST memory registers contain the value of the temperature
compensated and low-pass filtered continuous self-test delta.
This value is a measure of the difference between the positive
and negative self-test deflections and corresponds to the values
presented in Table 1. The device issues a CST error if the value
of self-test exceeds the established self-test limits. The self-test
data is filtered to 2 Hz to prevent false triggering of the CST
fault bit. The data is presented as a 16-bit, twos complement
number, with a scale factor of 80 LSB/°/sec.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
High CST (HICST) Memory Registers
Addresses:
0x06 (HICST1),
0x07 (HICST0)
Register update rate:
1000 Hz
Scale factor:
80 LSB/°/sec
The HICST register contains the unfiltered self-test information.
The HICST data can be used to supplement fault diagnosis in
safety critical applications as sudden shifts in the self-test
response can be detected. However, the CST bit of the fault
register is not set when the HICST data is observed to exceed
the self-test limits. Only the LOCST memory registers, which
are designed to filter noise and the effects of sudden temporary
self-test spiking due to external disturbances, control the
assertion of the CST fault bit. The data is presented as a 16-bit,
twos complement number.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Quad Memory Registers
Addresses:
0x08 (QUAD1)
0x09 (QUAD0)
Register update rate:
250 Hz
Scale factor:
80 LSB/°/sec equivalent
The quad memory registers contain a value corresponding to
the amount of quadrature error present in the device at a given
time. Quadrature can be likened to a measurement of the error
of the motion of the resonator structure, and can be caused by
stresses and aging effects. The quadrature data is filtered to
80 Hz and can be read frequently to detect sudden shifts in the
level of quadrature. The data is presented as a 16-bit, twos
complement number.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0


Podobny numer części - ADXRS450_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450BEYZ AD-ADXRS450BEYZ Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BEYZ-RL AD-ADXRS450BEYZ-RL Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BRGZ AD-ADXRS450BRGZ Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BRGZ-RL AD-ADXRS450BRGZ-RL Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
More results

Podobny opis - ADXRS450_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450 Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS453 AD-ADXRS453 Datasheet
998Kb / 32P
   High Performance , Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com