Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC6527N Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC6527N
Szczegółowy opis  One-Time Programmable 4-Bit Single-Chip Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6527N Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC6527N Datasheet HTML 6Page - Sanyo Semicon Device LC6527N Datasheet HTML 7Page - Sanyo Semicon Device LC6527N Datasheet HTML 8Page - Sanyo Semicon Device LC6527N Datasheet HTML 9Page - Sanyo Semicon Device LC6527N Datasheet HTML 10Page - Sanyo Semicon Device LC6527N Datasheet HTML 11Page - Sanyo Semicon Device LC6527N Datasheet HTML 12Page - Sanyo Semicon Device LC6527N Datasheet HTML 13Page - Sanyo Semicon Device LC6527N Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
No. 5894-11/14
LC65P29
Parameter
Symbol
Applicable
Conditions
Ratings
Unit
pins/notes
VDD [V]
min
typ
max
Output n-channel transistor off
IIH1
PA, PC, PD
(Includes the n-channel
5.0
µA
transistor off leakage current)
VIN = 13.5 V
High-level input current
IIH2
PE
When the port E input option
5.0
µA
is selected VIN = VDD
When the RC oscillator and
IIH3
OSC1
external clock option is selected
1.0
µA
VIN = VDD
Output n-channel transistor off
IIL1
PA, PC, PD
(Includes the n-channel
–1.0
µA
transistor off leakage current)
VIN = VSS
Low-level input current
IIL2
PE
When the port E input option
–1.0
µA
is selected VIN = VSS
IIL3
RES
VIN = VSS
–80
–50
µA
When the RC oscillator and
IIL4
OSC1
external clock option is selected
–1.0
µA
VIN = VSS
VOL1
PA, PC, PD
IOL = 10 mA
1.5
V
Low-level output voltage
VOL2
PA, PC, PD
IOL = 1.8 mA
0.4
V
(When all port I/O levels are
Under 1 mA)
Hysteresis voltage
VHIS1
RES
0.1 VDD
V
VIHS2
OSC1*1
When the RC oscillator and
0.1 VDD
V
external clock option is selected
RC oscillator
IDDOP1
VDD
Figure 2. 850 kHz (TYP)
5
8
mA
IDDOP2
VDD
Figure 2. 400 kHz (TYP)
4.5
7
mA
IDDOP3
VDD
Figure 3. 4 MHz, 1/1, 1/3, and
5
8
mA
1/4 divisor ratios
IDDOP4
VDD
Figure 3. 2 MHz, 1/1, 1/3, and
4.5
7
mA
Ceramic oscillator*2
1/4 divisor ratios
IDDOP5
VDD
Figure 3. 800 kHz, 1/1 divisor
5
8
mA
ratio
IDDOP6
VDD
Figure 3. 400 kHz, 1/1 divisor
4.5
7
mA
ratio
External clock*2
IDDOP7
VDD
200 to 4330 kHz, 1/1, 1/3, and
5
8
mA
1/4 divisor ratios
IDDst1
VDD
Output n-channel transistor off
6
0.05
10
µA
Standby mode
Port = VDD
IDDst2
VDD
Output n-channel transistor off
3
0.025
5
µA
Port = VDD
OSC1, OSC2
Figure 2. Cext = 220 pF ±5%
275
400
711
kHz
Oscillator frequency
fMOSC
Rext = 15.0 k
Ω ±1%
OSC1, OSC2
Figure 2. Cext = 220 pF ±5%
4 to 6
579
850
1179
kHz
Rext = 6.8 k
Ω ±1%
OSC1, OSC2
Figure 3. fo = 4 MHz
3840
4000
4160
kHz
Oscillator frequency
fFOSC*3
OSC1, OSC2
Figure 3. fo = 2 MHz
1920
2000
2080
kHz
OSC1, OSC2
Figure 3. fo = 800 kHz
768
800
832
kHz
OSC1, OSC2
Figure 3. fo = 400 kHz
384
400
416
kHz
Figure 4. fo = 4 MHz
10
ms
Oscillator stabilization time
tCFS
Figure 4. fo = 2 MHz
fo = 800 kHz
10
ms
fo = 400 kHz
Pull-up resistor reset port
Ru
VIN = VSS
5
70
100
150
k
External reset characteristics:
tRST
See Figure 6.
ms
reset time
f = 1 MHz
Pin capacitance
Cp
VIN = VSS for all input pins
10
pF
other than the measured pin
Electrical Characteristics at Ta = –30 to +70°C, VSS = 0 V, VDD = 3.0 to 6.0 V
Notes: 1. The OSC1 pin has Schmitt characteristics when the RC oscillator and external clock input oscillator option is selected.
2. The current drain during normal operation with the output n-channel transistors off and the port at VDD.
3. fCFOSC indicates frequencies at which oscillator operation is possible.


Podobny numer części - LC6527N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
More results

Podobny opis - LC6527N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
logo
Sanyo Semicon Device
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com