Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC651102F Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC651102F
Szczegółowy opis  On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651102F Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC651102F Datasheet HTML 7Page - Sanyo Semicon Device LC651102F Datasheet HTML 8Page - Sanyo Semicon Device LC651102F Datasheet HTML 9Page - Sanyo Semicon Device LC651102F Datasheet HTML 10Page - Sanyo Semicon Device LC651102F Datasheet HTML 11Page - Sanyo Semicon Device LC651102F Datasheet HTML 12Page - Sanyo Semicon Device LC651102F Datasheet HTML 13Page - Sanyo Semicon Device LC651102F Datasheet HTML 14Page - Sanyo Semicon Device LC651102F Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
No. 5221-11/19
LC65E1104
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Serial output]
Output delay time
tCKO
SO: Specified from the falling edge of SCK.
0.6
µs
Nch OD only, external 1k
Ω, external 50 pF, Fig. 6
[Pulse output]
Period
tPCY
64
×tCYC
µs
High-level pulse width
tPH
32
× tCYC
µs
± 10%
Low-level pulse width
tPL
32
× tCYC
µs
± 10%
[AD conversion characteristics]
Resolution
VDD = 4.7 to 5.3 V
8
bits
Absolute accuracy
AV+ = VDD, AV– = VSS, VDD = 4.7 to 5.3 V
±1
±2
LSB
AD speed 1/1, at 26
× tCYC, VDD = 4.7 to 5.3 V
72 (tCYC
312 (tCYC
Conversion time
TCAD
= 2.77 µs)
= 12 µs)
µs
AD speed 1/2, at 51
× tCYC, VDD = 4.7 to 5.3 V
141 (tCYC
612 (tCYC
= 2.77 µs)
= 12 µs)
Reference input voltage
AV+
AV+: VDD = 4.7 to 5.3 V
AV–
VDD
V
AV–
AV–: VDD = 4.7 to 5.3 V
VSS
AV+
Reference input current range
IRIF
AV+, AV–: AV+ = VDD, VDD = 4.7 to 5.3 V, AV– = VSS
75
150
300
µA
Analog input voltage range
VAIN
AD0 to AD7: VDD = 4.7 to 5.3 V
AV–
AV+
V
Port pins AD0 to AD7
1
Including output OFF leakage current. VAIN = VDD,
Analog port input current
IAIN
VDD= 4.7 to 5.3 V
µA
Port pins AD0 to AD7
VAIN = VSS, VDD= 4.7 to 5.3 V
–1
[Watchdog timer]
Cw
WDR: VDD = 3 to 6 V
0.1 ± 5%
µF
Guaranteed constant*7
Rw
WDR: VDD = 3 to 6 V
680 ± 1%
k
RI
WDR: VDD = 3 to 6 V
100 ± 1%
Clear time (discharge)
tWCT
WDR: Fig. 8, VDD = 3 to 6 V
100
µs
Clear time (charge)
tWCCY
WDR: Fig. 8, VDD = 3 to 6 V
36
ms
Cw
WDR: VDD = 4 to 6 V
0.047 ± 5%
µF
Guaranteed constant*7
Rw
WDR: VDD = 4 to 6 V
680 ± 1%
k
RI
WDR: VDD = 4 to 6 V
100 ± 1%
Clear time (discharge)
tWCT
WDR: Fig. 8, VDD = 4 to 6 V
40
µs
Clear time (charge)
tWCCY
WDR: Fig. 8, VDD = 4 to 6 V
18
ms
PE0: Fig. 7, tCYC = 4
× system clock period,
Nch OD only, external 1 k
Ω, external 50 pF
Note: 1. The LC65E1104 will accept input voltages up to the generated oscillator amplitude if the oscillator circuit in figure 4 with circuit constants in the
guaranteed constants ranges is driven from within the IC.
2. Average over a 100 ms period
3. The operating supply voltage VDD must be held until standby mode is enterd after the execution of a HALT instruction. The PA3 pin must be free
from chattering during the HALT instruction cycle.
4. The OSC1 pin input circuit has Schmitt trigger characteristics when the 2-terminal RC oscillator option or the external clock oscillator option is
selected.
5. fCFOSC: oscillator frequency. The center frequency of a ceramic oscillator has a tolerance range of about 1% around the nominal value specified
by the manufacturer of the oscillator element. For details, refer to the specifications of the ceramic resonator.
6. TCYC = 4
× system clock period
7. If the LC65E1104 is used in an environment subject to condensation, leakage between PE1 and adjacent pins and leakage associated with
external RCA circuits require special attention.


Podobny numer części - LC651102F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC651102F SANYO-LC651102F Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102F SANYO-LC651102F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Podobny opis - LC651102F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com