Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC66P2516 Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LC66P2516
Szczegółowy opis  Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P2516 Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LC66P2516 Datasheet HTML 4Page - Sanyo Semicon Device LC66P2516 Datasheet HTML 5Page - Sanyo Semicon Device LC66P2516 Datasheet HTML 6Page - Sanyo Semicon Device LC66P2516 Datasheet HTML 7Page - Sanyo Semicon Device LC66P2516 Datasheet HTML 8Page - Sanyo Semicon Device LC66P2516 Datasheet HTML 9Page - Sanyo Semicon Device LC66P2516 Datasheet HTML 10Page - Sanyo Semicon Device LC66P2516 Datasheet HTML 11Page - Sanyo Semicon Device LC66P2516 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
No. 5997-8/17
LC662508A, 662512A, 662516A
3. Watchdog timer option
A runaway detection function (watchdog timer) can be selected as an option.
4. Port output type options
• The output type of each bit (pin) in ports P0, P1, P2, P3 (except for the P33/HOLD pin), P4, P5, P6, P7, P9, PA,
PB, and PC can be selected individually from the following two options. (in1-bit units)
• The two options can be specified for P8 (in 1-bit units)
Option
Circuit
Conditions and notes
Open-drain output
Output with built-in pull-up
resistor
The ports P2, P3, P5, P6, and P9 inputs have
Schmitt characteristics.
P7, PA, and PB are output-only ports.
The ports P2, P3, P5, P6, and P9 inputs have
Schmitt characteristics.
The CMOS outputs (ports P2, P3, P6, P9, and
PC) and the pull-up MOS outputs (P0, P1, P4,
P5, P7, PA, and PB) are distinguished by the
drive capacity of the p-channel transistor.
DSB
Output data
Input data
DSB
Output data
Input data
Option
Circuit
Conditions and notes
Open-drain output
Output with built-in pull-up
resistor (CMOS output)
Output data
Output data


Podobny numer części - LC66P2516

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC66P2516 SANYO-LC66P2516 Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66P2516 SANYO-LC66P2516 Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66P2516 SANYO-LC66P2516 Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66P2516 SANYO-LC66P2516 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2516 SANYO-LC66P2516 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

Podobny opis - LC66P2516

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com