Zakładka z wyszukiwarką danych komponentów |
|
LC66508B Arkusz danych(PDF) 4 Page - Sanyo Semicon Device |
|
LC66508B Arkusz danych(HTML) 4 Page - Sanyo Semicon Device |
4 / 17 page System Block Diagram No. 5997-4/17 LC662508A, 662512A, 662516A Item LC6650XB Series LC6655XB Series LC6625XX Series (Including the LC66599 evaluation chip) System differences 65536 cycles 16384 cycles 16384 cycles • Hardware wait time (number of About 64 ms at 4 MHz (Tcyc = 1 µs) About 16 ms at 4 MHz (Tcyc = 1 µs) About 16 ms at 4 MHz (Tcyc = 1 µs) cycles) when hold mode is cleared • Value of timer 0 after a reset (Including the value after hold mode Set to FF0. Set to FFC. Set to FFC. is cleared) • DTMF generator None (Tools are handled with None Yes external devices.) • Inverter array None (Tools are handled with None Yes external devices.) • Three-value inputs/comparator Yes Yes None inputs • Three-state output from P31 None None Yes and P32 • Using P0 to clear halt mode In 4-bit groups In 4-bit groups Can be specified for each bit. For INT3, INT4, and INT5. INT3, INT4, and INT5 can be used • External extended interrupts (Tools are handled with external For INT3, INT4, and INT5. with the internal functions. devices.) Shared with P90 (INT2) • INT2 functions (Tools are handled with external Shared with P90 (INT2) Shared with P53 (INT2) devices.) Differences in main characteristics • LC66506B/08B/12B/16B • 3.0 to 5.5 V/0.92 to 10 µs • Operating power-supply voltage 4.0 to 6.0 V/0.92 to 10 µs • LC6655XA, 56XA 3.0 to 5.5 V/0.95 to 10 µs and operating speed (cycle time) • LC66E516/P516 2.2 to 5.5 V/3.92 to 10 µs 4.5 to 5.5 V/0.92 to 10 µs 3.0 to 5.5 V/1.96 to 10 µs • Pull-up resistors P0, P1, P4, and P5: about 3 to 10 k Ω P0, P1, P4, and P5: about 3 to 10 k Ω P0, P1, P4, and P5: about 100 k Ω • P2, P3, P6, P7, and PA: • P2, P3, P6, P7, and PA: P2, P3, P61, P63, and PA: • Port voltage handling 15V handling 15V handling 15V voltage handling • Others: Normal voltage • Others: Normal voltage Others: normal voltage Differences between the LC665XX Series and the LC6625XX Series • When DT, ML, and DP are used, only the SIO channel can be used for serial I/O. • The INT3, INT4, and INT5 pins can be used with internal functions. |
Podobny numer części - LC66508B |
|
Podobny opis - LC66508B |