Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM840002KA Arkusz danych(PDF) 5 Page - Micrel Semiconductor

Numer części SM840002KA
Szczegółowy opis  ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840002KA Arkusz danych(HTML) 5 Page - Micrel Semiconductor

  SM840002KA Datasheet HTML 1Page - Micrel Semiconductor SM840002KA Datasheet HTML 2Page - Micrel Semiconductor SM840002KA Datasheet HTML 3Page - Micrel Semiconductor SM840002KA Datasheet HTML 4Page - Micrel Semiconductor SM840002KA Datasheet HTML 5Page - Micrel Semiconductor SM840002KA Datasheet HTML 6Page - Micrel Semiconductor SM840002KA Datasheet HTML 7Page - Micrel Semiconductor SM840002KA Datasheet HTML 8Page - Micrel Semiconductor SM840002KA Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Micrel, Inc.
SM840002
November 2010
5
M9999-110810
hbwhelp@micrel.com or (408) 955-1690
LVCMOS DC Electrical Characteristics
(3)
VDDA = VDD =2.5V or 3.3V ±5%, VDDO = 2.5V or 3.3V ±5%, TA = –40°C to +75°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
2
VDD +
0.3
V
VIL
Input LOW Voltage
−0.30
0.80
V
OE, F_SEL0, F_SEL1
VDD = VIN =3.465V
or 2.625V
5
µA
IIH
Input HIGH Current
nPLL_SEL, MR,
nXTAL_SEL, TEST_CLK
VDD = VIN =3.465V
or 2.625V
150
µA
OE, F_SEL0, F_SEL1
VDD = 3.465V or 2.625V
VIN = 0V
−150
µA
IIL
Input LOW Current
nPLL_SEL, MR,
nXTAL_SEL, TEST_CLK
VDD = 3.465V or 2.625V
VIN = 0V
−5
µA
VDDO = 3.3V ±5%
2.6
V
VOH
Output HIGH Voltage
(4)
VDDO = 2.5V ±5%
1.8
V
VOL
Output LOW Voltage
(4)
VDDO = 3.3V ±5% or 2.5V
±5%
0.5
V
AC Electrical Characteristics
(5)
VDDA = VDD =2.5V or 3.3V ±5%, VDDO = 2.5V or 3.3V ±5%, TA = –40°C to +75°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FOUT
Output Frequency
F_SEL[1:0] = 00
156.25
MHz
FOUT
Output Frequency
F_SEL[1:0] = 01
125
MHz
FOUT
Output Frequency
F_SEL[1:0] = 10
62.5
MHz
FOUT
Output Frequency
F_SEL[1:0] = 11
125
MHz
tSKEW
Output Skew
(6)
12
ps
tJITTER
RMS Phase Jitter
156.25MHz
0.064
ps
tJITTER
RMS Phase Jitter
125MHz
0.065
ps
tJITTER
RMS Phase Jitter
62.5MHz
0.077
ps
tR/tF
Output Rise/ Fall Time
20% to 80%
100
350
ps
ODC
Output Duty Cycle
48
50
52
%
Notes
:
4.
Outputs terminated with 50Ω to VDD/2. See Parameters measurements 3.3V load test circuit.
5.
The circuit is designed to meet the AC specifications shown in the above table(s) after thermal equilibrium has been established.
6.
Defined as skew between outputs at the same supply voltage and with equal load conditions; Measured at the output differential crossing points.


Podobny numer części - SM840002KA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KA MICREL-SM840001KA Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KATR MICREL-SM840001KATR Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM840004-11KA MICREL-SM840004-11KA Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
More results

Podobny opis - SM840002KA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Advantech Co., Ltd.
MIC-3666 ADVANTECH-MIC-3666 Datasheet
402Kb / 1P
   Dual 10 Gigabit Ethernet XMC
19-Oct-2017
logo
Router-switch Ltd.
JL676A ROUTER-SWITCH-JL676A Datasheet
103Kb / 4P
   10 Gigabit Ethernet
logo
AAEON Technology
NANO-001N AAEON-NANO-001N Datasheet
311Kb / 2P
   Dual Gigabit Ethernet
NITX-SKL1 AAEON-NITX-SKL1 Datasheet
431Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5010-01 AAEON-NANO-001F-5010-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NITX-BD1 AAEON-NITX-BD1 Datasheet
343Kb / 2P
   dual gigabit ethernet
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com