Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9284 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9284
Szczegółowy opis  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9284 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9284 Datasheet HTML 1Page - Analog Devices AD9284 Datasheet HTML 2Page - Analog Devices AD9284 Datasheet HTML 3Page - Analog Devices AD9284 Datasheet HTML 4Page - Analog Devices AD9284 Datasheet HTML 5Page - Analog Devices AD9284 Datasheet HTML 6Page - Analog Devices AD9284 Datasheet HTML 7Page - Analog Devices AD9284 Datasheet HTML 8Page - Analog Devices AD9284 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD9284
Rev. 0 | Page 3 of 24
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, unless otherwise noted.
Table 1.
Parameter1
Temperature
Min
Typ
Max
Unit
RESOLUTION
Full
8
Bits
DC ACCURACY
Differential Nonlinearity
Full
±0.2
±0.4
LSB
Integral Nonlinearity
Full
±0.1
±0.3
LSB
No Missing Codes
Full
Guaranteed
Offset Error
Full
0
±0.4
±2.1
% FS
Gain Error
Full
0
±2.5
±2.8
% FS
MATCHING CHARACTERISTICS
Offset Error
Full
0
±0.5
±2.6
% FS
Gain Error
Full
0
±0.1
±0.7
% FS
TEMPERATURE DRIFT
Offset Error
Full
±2
ppm/°C
Gain Error
Full
±20
ppm/°C
ANALOG INPUT
Input Span
Full
1.2
V p-p
Input Common-Mode Voltage
Full
1.4
V
Input Resistance (Differential)
Full
16
Input Capacitance (Differential)
Full
250
fF
Full Power Bandwidth
Full
700
MHz
VOLTAGE REFERENCE
Internal Reference
Full
0.97
0.98
0.99
V
Input Resistance
Full
3
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
Supply Current
IAVDD
Full
124
128
mA
IDRVDD
Full
51
54
mA
POWER CONSUMPTION
Sine Wave Input2
Full
314
330
mW
Power-Down Power
Full
0.3
1.7
mW
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and an explanation of how these tests were
completed.
2 Measured with a low frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.


Podobny numer części - AD9284

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9284-250EBZ AD-AD9284-250EBZ Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9284BCPZ-250 AD-AD9284BCPZ-250 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9284BCPZRL7-250 AD-AD9284BCPZRL7-250 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results

Podobny opis - AD9284

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com