Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS453 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADXRS453
Szczegółowy opis  High Performance , Digital Output Gyroscope
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS453 Arkusz danych(HTML) 4 Page - Analog Devices

  ADXRS453 Datasheet HTML 1Page - Analog Devices ADXRS453 Datasheet HTML 2Page - Analog Devices ADXRS453 Datasheet HTML 3Page - Analog Devices ADXRS453 Datasheet HTML 4Page - Analog Devices ADXRS453 Datasheet HTML 5Page - Analog Devices ADXRS453 Datasheet HTML 6Page - Analog Devices ADXRS453 Datasheet HTML 7Page - Analog Devices ADXRS453 Datasheet HTML 8Page - Analog Devices ADXRS453 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADXRS453
Rev. 0 | Page 4 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, 0.5 ms)
Unpowered
2000 g
Powered
2000 g
Supply Voltage (PDD)
−0.3 V to +6.0 V
Output Short-Circuit Duration
(Any Pin to Ground)
Indefinite
Operating Temperature Range
LCC_V Package
−55°C to +125°C
SOIC_CAV Package
−40°C to +125°C
Storage Temperature Range
LCC_V Package
−65°C to +150°C
SOIC_CAV Package
−40°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, for a device
soldered in a printed circuit board (PCB) for surface-mount
packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
16-Lead SOIC_CAV (RG-16-1)
191.5
25
°C/W
14-Lead Ceramic LCC_V (EY-14-1)1
185.5
23
°C/W
1 Thermal resistance of the LCC_V package is for the vertical layout, not the
horizontal layout.
RATE SENSITIVE AXIS
The ADXRS453 is available in two package options.
The SOIC_CAV package is for applications that require
z-axis (yaw) rate sensing.
The LCC_V (vertical mount) package is for applications
that require x-axis or y-axis (pitch or roll) rate sensing and
for applications that require z-axis (yaw) rate sensing. The
package has leads on two faces such that it can be mounted
vertically for pitch or roll sensing or horizontally for yaw
sensing.
See Figure 2 for details.
LCC_V PACKAGE
RATE
AXIS
+
RATE
AXIS
+
SOIC PACKAGE
9
16
Z-AXIS
Figure 2. Rate Signal Increases with Clockwise Rotation
ESD CAUTION


Podobny numer części - ADXRS453

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450 Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BEYZ AD-ADXRS450BEYZ Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BEYZ-RL AD-ADXRS450BEYZ-RL Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BRGZ AD-ADXRS450BRGZ Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BRGZ-RL AD-ADXRS450BRGZ-RL Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
More results

Podobny opis - ADXRS453

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450 Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com