Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS453 Datasheet(Arkusz danych) 10 Page - Analog Devices

Numer części ADXRS453
Szczegółowy opis  High Performance , Digital Output Gyroscope
Pobierz  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 10 page
background image
ADXRS453
Rev. 0 | Page 10 of 32
MECHANICAL PERFORMANCE
The ADXRS453 has excellent shock and vibration rejection.
Figure 20 shows the output noise response of the ADXRS453 in
a vibration free environment. Figure 21 shows the response of
the same device to 15 g rms random vibration (50 Hz to 5 kHz).
As shown in Figure 21, no frequencies are particularly sensitive
to vibration. Response to vibration in all axes is similar.
Shock response is also excellent, as shown in Figure 22 and
Figure 23. Figure 22 shows a 99 g input stimulus applied to
each axis, and Figure 23 shows the typical response to this
shock in each axis. Shock response of 0.01°/sec/g is apparent.
0.1
0.01
0.001
0.0001
550
FREQUENCY (Hz)
500
Figure 20. ADXRS453 Output Noise Response with No Vibration Applied
0.1
0.01
0.001
0.0001
550
FREQUENCY (Hz)
500
Figure 21. ADXRS453 Output Noise Response with 15 g RMS Random
Vibration (50 Hz to 5 kHz) Applied
40
20
–60
–80
–100
0
–20
–40
–120
00.10
0.05
0.15
0.20
TIME (Seconds)
Figure 22. 99 g Shock Input
10
8
2
–2
–4
–6
–8
0
6
4
–10
00.10
0.05
0.15
0.20
TIME (Seconds)
Figure 23. Typical Output Response Due to 99 g Shock (see Figure 22)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl