Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS453 Arkusz danych(PDF) 13 Page - Analog Devices

Numer części ADXRS453
Szczegółowy opis  High Performance , Digital Output Gyroscope
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS453 Arkusz danych(HTML) 13 Page - Analog Devices

Back Button ADXRS453 Datasheet HTML 9Page - Analog Devices ADXRS453 Datasheet HTML 10Page - Analog Devices ADXRS453 Datasheet HTML 11Page - Analog Devices ADXRS453 Datasheet HTML 12Page - Analog Devices ADXRS453 Datasheet HTML 13Page - Analog Devices ADXRS453 Datasheet HTML 14Page - Analog Devices ADXRS453 Datasheet HTML 15Page - Analog Devices ADXRS453 Datasheet HTML 16Page - Analog Devices ADXRS453 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADXRS453
Rev. 0 | Page 13 of 32
ADXRS453 SIGNAL CHAIN TIMING
The ADXRS453 primary signal chain is shown in Figure 28. The
signal chain is the series of necessary functional circuit blocks
through which the rate data is generated and processed. This
sequence of electromechanical elements determines how quickly
the device can translate an external rate input stimulus to an SPI
word that is sent to the master device.
The group delay, which is a function of the filter characteristic,
is the time required for the output of the low-pass filter to be
within 10% of the external rate input. In Figure 28, the group
delay is shown to be ~4 ms. Additional delay can be observed
due to the timing of SPI transactions and the population of the
rate data into the internal device registers. Figure 28 illustrates
this delay through each element of the signal chain.
The transfer function for the rate data LPF is given as
2
1
64
1
1
Z
Z
where:
(typ)
kHz
16
1
1 =
=
0
f
T
(f0 is the resonant frequency of the ADXRS453.)
The transfer function for the continuous self-test LPF is given as
()1
63
64
1
×
Z
where:
(typ)
ms
1
16 =
=
0
f
T
(f0 is the resonant frequency of the ADXRS453.)
Z-AXIS ANGULAR
RATE SENSOR
SPI
TRANSACTION
BAND-PASS
FILTER
ARITHMETIC
LOGIC UNIT
DEMOD
MISO
MOSI
12-BIT ADC
PRIMARY SIGNAL CHAIN
<5µs
DELAY
4ms
GROUP DELAY
<2.2ms
DELAY
<64ms
GROUP DELAY
RATE DATA
LPF
CONTINUOUS
SELF-TEST
LPF
<5µs
DELAY
<5µs
DELAY
Figure 28. Primary Signal Chain and Associated Delays


Podobny numer części - ADXRS453

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450 Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BEYZ AD-ADXRS450BEYZ Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BEYZ-RL AD-ADXRS450BEYZ-RL Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BRGZ AD-ADXRS450BRGZ Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450BRGZ-RL AD-ADXRS450BRGZ-RL Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
More results

Podobny opis - ADXRS453

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS450 AD-ADXRS450 Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com