Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS453BEYZ Datasheet(Arkusz danych) 4 Page - Analog Devices

Numer części ADXRS453BEYZ
Szczegółowy opis  High Performance , Digital Output Gyroscope
Pobierz  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 4 page
background image
ADXRS453
Rev. 0 | Page 4 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, 0.5 ms)
Unpowered
2000 g
Powered
2000 g
Supply Voltage (PDD)
−0.3 V to +6.0 V
Output Short-Circuit Duration
(Any Pin to Ground)
Indefinite
Operating Temperature Range
LCC_V Package
−55°C to +125°C
SOIC_CAV Package
−40°C to +125°C
Storage Temperature Range
LCC_V Package
−65°C to +150°C
SOIC_CAV Package
−40°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, for a device
soldered in a printed circuit board (PCB) for surface-mount
packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
16-Lead SOIC_CAV (RG-16-1)
191.5
25
°C/W
14-Lead Ceramic LCC_V (EY-14-1)1
185.5
23
°C/W
1 Thermal resistance of the LCC_V package is for the vertical layout, not the
horizontal layout.
RATE SENSITIVE AXIS
The ADXRS453 is available in two package options.
The SOIC_CAV package is for applications that require
z-axis (yaw) rate sensing.
The LCC_V (vertical mount) package is for applications
that require x-axis or y-axis (pitch or roll) rate sensing and
for applications that require z-axis (yaw) rate sensing. The
package has leads on two faces such that it can be mounted
vertically for pitch or roll sensing or horizontally for yaw
sensing.
See Figure 2 for details.
LCC_V PACKAGE
RATE
AXIS
+
RATE
AXIS
+
SOIC PACKAGE
9
16
Z-AXIS
Figure 2. Rate Signal Increases with Clockwise Rotation
ESD CAUTION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl