Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS453BEYZ Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXRS453BEYZ
Szczegółowy opis  High Performance , Digital Output Gyroscope
Pobierz  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
ADXRS453
Rev. 0 | Page 5 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADXRS453
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCLK
MOSI
AVDD
DVSS
RSVD
AVSS
RSVD
CP5
DVDD
RSVD
RSVD
MISO
PDD
PSS
VX
CS
Figure 3. Pin Configuration, 16-Lead SOIC_CAV
Table 4. Pin Function Descriptions, 16-Lead SOIC_CAV
Pin No.
Mnemonic
Description
1
DVDD
Digital Regulated Voltage. See Figure 26 for the application circuit diagram.
2
RSVD
Reserved. This pin must be connected to DVSS.
3
RSVD
Reserved. This pin must be connected to DVSS.
4
CS
Chip Select.
5
MISO
Master In/Slave Out.
6
PDD
Supply Voltage.
7
PSS
Switching Regulator Ground.
8
VX
High Voltage Switching Node. See Figure 26 for the application circuit diagram.
9
CP5
High Voltage Supply. See Figure 26 for the application circuit diagram.
10
RSVD
Reserved. This pin must be connected to DVSS.
11
AVSS
Analog Ground.
12
RSVD
Reserved. This pin must be connected to DVSS.
13
DVSS
Digital Signal Ground.
14
AVDD
Analog Regulated Voltage. See Figure 26 for the application circuit diagram.
15
MOSI
Master Out/Slave In.
16
SCLK
SPI Clock.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl