Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS453BEYZ Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXRS453BEYZ
Szczegółowy opis  High Performance , Digital Output Gyroscope
Pobierz  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
High Performance,
Digital Output Gyroscope
ADXRS453
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Complete rate gyroscope on a single chip
±300°/sec angular rate sensing
Ultrahigh vibration rejection: 0.01°/sec/g
Excellent 16°/hour null bias stability
Internal temperature compensation
2000 g powered shock survivability
SPI digital output with 16-bit data-word
Low noise and low power
3.3 V to 5 V operation
−40°C to +105°C operation
Ultrasmall, light, and RoHS compliant
Two package options
Low cost SOIC_CAV package for yaw rate (z-axis) response
Innovative ceramic vertical mount package (LCC_V), which
can be oriented for pitch, roll, or yaw response
APPLICATIONS
Rotation sensing in high vibration environments
Rotation sensing for industrial and instrumentation
applications
High performance platform stabilization
GENERAL DESCRIPTION
The ADXRS453 is an angular rate sensor (gyroscope) intended
for industrial, instrumentation, and stabilization applications in
high vibration environments. An advanced, differential, quad
sensor design rejects the influence of linear acceleration, enabling
the ADXRS453 to offer high accuracy rate sensing in harsh envi-
ronments where shock and vibration are present.
The ADXRS453 uses an internal, continuous self-test architec-
ture. The integrity of the electromechanical system is checked by
applying a high frequency electrostatic force to the sense structure
to generate a rate signal that can be differentiated from the base-
band rate data and internally analyzed.
The ADXRS453 is capable of sensing an angular rate of up to
±300°/sec. Angular rate data is presented as a 16-bit word that
is part of a 32-bit SPI message.
The ADXRS453 is available in a 16-lead plastic cavity SOIC
(SOIC_CAV) and an SMT-compatible vertical mount package
(LCC_V), and is capable of operating across a wide voltage
range (3.3 V to 5 V).
FUNCTIONAL BLOCK DIAGRAM
SPI
INTERFACE
MISO
MOSI
SCLK
CS
HIGH VOLTAGE
GENERATION
EEPROM
PSS
CP5
AVSS
VX
LDO
REGULATOR
PDD
DVSS
DVDD
AVDD
BAND-PASS
FILTER
FAULT
DETECTION
TEMPERATURE
CALIBRATION
DECIMATION
FILTER
ARITHMETIC
LOGIC UNIT
PHASE-
LOCKED
LOOP
CLOCK
DIVIDER
DEMOD
Q FILTER
Q DAQ
P DAQ
HV DRIVE
SELF-TEST
CONTROL
12-BIT
ADC
AMPLITUDE
DETECT
Z-AXIS ANGULAR
RATE SENSOR
ADXRS453
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl