Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS642 Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXRS642
Szczegółowy opis  Vibration Rejecting ±250°/s Yaw Rate Gyro
Pobierz  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 6 page
background image
ADXRS642
Preliminary Technical Data
Rev. Pr. A | Page 6 of 10
THEORY OF OPERATION
The ADXRS642 operates on the principle of a resonator gyro.
Figure 4 shows a simplified version of one of four polysilicon
sensing structures. Each sensing structure contains a dither
frame that is electrostatically driven to resonance. This
produces the necessary velocity element to produce a Coriolis
force when experiencing angular rate. The ADXRS642 is
designed to sense a Z-axis (yaw) angular rate.
When the sensing structure is exposed to angular rate, the
resulting Coriolis force couples into an outer sense frame,
which contains movable fingers that are placed between fixed
pickoff fingers. This forms a capacitive pickoff structure that
senses Coriolis motion. The resulting signal is fed to a series of
gain and demodulation stages that produce the electrical rate
signal output. The quad sensor design rejects linear and angular
acceleration, including external g-forces and vibration. This is
achieved by mechanically coupling the four sensing structures
such that external g-forces appear as common-mode signals
that can be removed by the fully differential architecture
implemented in the ADXRS642.
Figure 4. Simplified Gyro Sensing Structure – One Corner
The electrostatic resonator requires 18 to 20V for operation.
Because only 5V are typically available in most applications,
a charge pump is included on chip. If an external 18 to 20V
supply is available, the two capacitors on CP1 to CP4 can be
omitted, and this supply can be connected to CP5 (Pin 6D,
Pin 7D). CP5 should not be grounded when power is applied to
the ADXRS642. No damage occurs, but under certain conditions,
the charge pump may fail to start up after the ground is removed
without first removing power from the ADXRS642.
SETTING BANDWIDTH
External Capacitor COUT is used in combination with the on-
chip ROUT resistor to create a low-pass filter to limit the bandwidth
of the ADXRS642 rate response. The −3 dB frequency set by
ROUT and COUT is
OUT
OUT
OUT
C
R
f
π
2
/
1
and can be well controlled because ROUT has been trimmed
during manufacturing to be 180 kΩ ± 1%. Any external resistor
applied between the RATEOUT pin (1B, 2A) and SUMJ pin
(1C, 2C) results in
 
EXT
EXT
OUT
R
R
R
180
/
180
In general, an additional filter (in either hardware or software)
is added to attenuate high frequency noise arising from demodu-
lation spikes at the 18 kHz resonant frequency of the gyro. An
R/C output filter consisting of a 3.3k series resistor and 22nF
shunt capacitor (2.2kHz pole) is recommended.
TEMPERATURE OUTPUT AND CALIBRATION
It is common practice to temperature-calibrate gyros to improve
their overall accuracy. The ADXRS642 has a temperature propor-
tional voltage output that provides input to such a calibration
method. The temperature sensor structure is shown in Figure .
The temperature output is characteristically nonlinear, and any
load resistance connected to the TEMP output results in decreasing
the TEMP output and its temperature coefficient. Therefore,
buffering the output is recommended.
The voltage at TEMP (3F, 3G) is nominally 2.5 V at 25°C, and
VRATIO = 5 V. The temperature coefficient is ~9 mV/°C at 25°C.
Although the TEMP output is highly repeatable, it has only
modest absolute accuracy.
Figure 5. Temperature Sensor Structure
SUPPLY RATIOMETRICITY
The AD642’s RATEOUT, ST1, ST2, and TEMP signals are
ratiometric to the VRATIO voltage, i.e., the null voltage, rate
sensitivity, and temperature outputs are proportional to VRATIO.
So, it is most easily used with a supply-ratiometric ADC which
results in self cancellation of errors due to minor supply
variations. There is some small, usually negligible, error due to
non-ratiometric behavior. Note that, in order to guarantee full
rate range, VRATIO should not be greater than AVCC
X
Y
Z
VRATIO
VTEMP
RFIXED
RTEMP




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl