Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS646TBGZ-EP Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXRS646TBGZ-EP
Szczegółowy opis  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
Data Sheet
ADXRS646
Rev. 0 | Page 3 of 12
SPECIFICATIONS
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
TA = 25°C, VS = AVCC = VDD = 6 V, VRATIO = AVCC, angular rate = 0°/sec, bandwidth = 80 Hz (COUT = 0.01 µF), IOUT = 100 µA, ±1 g, unless
otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSITIVITY1
Clockwise rotation is positive output
Measurement Range2
Full-scale range over specifications range
±250
±300
°/sec
Initial
8.5
9
9.5
mV/°/sec
Temperature Drift3
±3
%
Nonlinearity
Best fit straight line
0.01
% of FS
NULL1
Null
−40°C to +105°C
2.7
3.0
3.3
V
Calibrated Null4
−40°C to +105°C
±0.1
°/sec
Temperature Drift3
±3
°/sec
Linear Acceleration Effect
Any axis
0.015
°/sec/g
Vibration Rectification
25 g rms, 50 Hz to 5 kHz
0.0001
°/sec/g2
NOISE PERFORMANCE
Rate Noise Density
TA ≤ 25°C
0.01
°/sec/√Hz
Rate Noise Density
TA ≤ 105°C
0.015
°/sec/√Hz
Resolution Floor
TA = 25°C, 1 minute to 1 hour in-run
12
°/hr
FREQUENCY RESPONSE
Bandwidth5
±3 dB user adjustable up to specification
1000
Hz
Sensor Resonant Frequency
15.5
17.5
20
kHz
SELF-TEST1
ST1 RATEOUT Response
ST1 pin from Logic 0 to Logic 1
−50
°/sec
ST2 RATEOUT Response
ST2 pin from Logic 0 to Logic 1
50
°/sec
ST1 to ST2 Mismatch6
−5
±0.5
+5
%
Logic 1 Input Voltage
ST1 pin or ST2 pin
4
V
Logic 0 Input Voltage
2
V
Input Impedance
ST1 pin or ST2 pin to common
40
50
100
kΩ
TEMPERATURE SENSOR1
VOUT at 25°C
Load = 10 MΩ
2.8
2.9
3.0
V
Scale Factor4
25°C, VRATIO = 6 V
10
mV/°C
Load to VS
25
kΩ
Load to Common
25
kΩ
TURN-ON TIME4
Power on to ±0.5°/sec of final with CP5 = 100 nF
50
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
µA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (VS)
5.75
6.00
6.25
V
Quiescent Supply Current
4
mA
TEMPERATURE RANGE
Specified Performance
−40
+105
°C
1
Parameter is linearly ratiometric with VRATIO.
2
Measurement range is the maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3
From +25°C to −40°C or +25°C to +105°C.
4
Based on characterization.
5
Adjusted by external capacitor, COUT. Reducing bandwidth below 0.01 Hz does not result in further noise improvement.
6
Self-test mismatch is described as (ST2 + ST1)/((ST2 − ST1)/2).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl