Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS646TBGZ-EP Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADXRS646TBGZ-EP
Szczegółowy opis  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS646TBGZ-EP Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADXRS646TBGZ-EP Datasheet HTML 4Page - Analog Devices ADXRS646TBGZ-EP Datasheet HTML 5Page - Analog Devices ADXRS646TBGZ-EP Datasheet HTML 6Page - Analog Devices ADXRS646TBGZ-EP Datasheet HTML 7Page - Analog Devices ADXRS646TBGZ-EP Datasheet HTML 8Page - Analog Devices ADXRS646TBGZ-EP Datasheet HTML 9Page - Analog Devices ADXRS646TBGZ-EP Datasheet HTML 10Page - Analog Devices ADXRS646TBGZ-EP Datasheet HTML 11Page - Analog Devices ADXRS646TBGZ-EP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADXRS646
Rev. 0 | Page 11 of 12
IMMUNITY TO VIBRATION
Gyroscopes are designed to respond only to rotation. However,
all gyroscopes respond to linear motion as well, to varying
degrees. While bias stability is often used as the primary figure
of merit for evaluating high performance gyroscopes, many
additional error sources are present in real-world applications.
Especially in applications that require motion sensors, vibration
and acceleration are present, and the resulting errors often
overwhelm bias drift.
Its differential, quad-sensor design makes the ADXRS646
inherently resistant to vibration, without the need for
compensation. The excellent vibration immunity of the
ADXRS646 is demonstrated in Figure 21 and Figure 22.
Figure 21 shows the ADXRS646 output response with and
without random 15 g rms vibration applied at 20 Hz to 2 kHz.
Performance is similar regardless of the direction of input
vibration.
Figure 21. ADXRS646 Output Response With and Without Random Vibration
(15 g RMS, 20 Hz to 2 kHz); Gyroscope Bandwidth Set to 1600 Hz
To further improve immunity to vibration and acceleration,
some g-sensitivity compensation can be performed using an
accelerometer. This technique is most successful when the
response to vibration is constant regardless of vibration
frequency. Figure 22 demonstrates the ADXRS646 dc bias
response to a 5 g sinusoidal vibration over the 20 Hz to 5 kHz
range. This figure shows that there are no sensitive frequencies
present and that vibration rectification is vanishingly small.
Accordingly, g-sensitivity compensation using an accelerometer
is possible where needed, but the inherent device performance
is sufficient for many applications.
Figure 22. ADXRS646 Sine Vibration Output Response (5 g, 20 Hz to 5 kHz);
Gyroscope Bandwidth Set to 1600 Hz
1
0.1
0.01
0.001
0.0001
0.00001
FREQUENCY (Hz)
10
100
1k
10k
WITH VIBRATION
NO VIBRATION
0.12
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
FREQUENCY (Hz)
10
100
1k
10k


Podobny numer części - ADXRS646TBGZ-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646BBGZ AD-ADXRS646BBGZ Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646BBGZ-RL AD-ADXRS646BBGZ-RL Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
More results

Podobny opis - ADXRS646TBGZ-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com