Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS649BBGZ-RL Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXRS649BBGZ-RL
Szczegółowy opis  Fast Starting, ±20,000°/sec Vibration Rejecting Rate Gyro
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
ADXRS649
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PGND
ST1
ST2
TEMP
AGND
VRATIO
NC
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
SUMJ
RATEOUT
AVCC
CP2
CP1
CP4
CP3
CP5
VDD
GF
E
D
C
B
A
7
6
5
4
3
2
1
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
D6, D7
CP5
High Voltage Filter Capacitor, 2.2 nF.
A6, B7
CP4
Charge Pump Capacitor, 22 nF.
C6, C7
CP3
Charge Pump Capacitor, 22 nF.
A5, B5
CP1
Charge Pump Capacitor, 22 nF.
A4, B4
CP2
Charge Pump Capacitor, 22 nF.
A3, B3
AVCC
Positive Analog Supply.
B1, A2
RATEOUT
Rate Signal Output.
C1, C2
SUMJ
Output Amplifier Summing Junction.
D1, D2
NC
Do not connect to these pins.
E1, E2
VRATIO
Reference Supply for Ratiometric Output.
F1, G2
AGND
Analog Supply Return.
F3, G3
TEMP
Temperature Voltage Output.
F4, G4
ST2
Self-Test for Sensor 2.
F5, G5
ST1
Self-Test for Sensor 1.
G6, F7
PGND
Charge Pump Supply Return.
E6, E7
VDD
Positive Charge Pump Supply.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl