Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS649BBGZ-RL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADXRS649BBGZ-RL
Szczegółowy opis  Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS649BBGZ-RL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADXRS649BBGZ-RL Datasheet HTML 2Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 3Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 4Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 5Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 6Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 7Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 8Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 9Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADXRS649
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all histograms, unless otherwise noted.
0.1
11
–18
0
–15
–12
–9
–6
–3
0
–180
–150
–120
–90
–60
–30
0
FREQUENCY (kHz)
Figure 4. Typical Rate and Phase Response vs. Frequency
(COUT = 470 pF with a Series RC Low-Pass Filter of 3.3 kΩ and 22 nF)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TIME (ms)
Figure 5. Typical Start-Up Behavior at RATEOUT
100
1000
10000
0.01
0.1
1
10
100
1000
TIME (Seconds)
Figure 6. Typical Root Allan Deviation at 25°C vs. Averaging Time
0
10
20
30
40
50
60
2.401
2.418
2.434
2.451
2.467
2.484
2.500
2.517
2.533
2.550
2.566
2.583
2.599
NULL BIAS (V)
Figure 7. Null Bias at 25°C
0
10
20
30
40
50
60
0.081 0.085 0.089 0.093 0.097 0.101 0.105 0.109 0.113 0.117
SENSITIVITY (mV/°/sec)
Figure 8. Sensitivity at 25°C
0
20
40
60
80
100
–100
–300
–500
–700
–900
–1100
–1300
–1500
–1700
–1900
–2100
–2300
DEGREES PER SECOND (°)
Figure 9. ST1 Output Change at 25°C (VRATIO = 5 V)


Podobny numer części - ADXRS649BBGZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS649BBGZ-RL AD-ADXRS649BBGZ-RL Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
More results

Podobny opis - ADXRS649BBGZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com