Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC72144M Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC72144M
Szczegółowy opis  PLL Frequency Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72144M Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC72144M Datasheet HTML 7Page - Sanyo Semicon Device LC72144M Datasheet HTML 8Page - Sanyo Semicon Device LC72144M Datasheet HTML 9Page - Sanyo Semicon Device LC72144M Datasheet HTML 10Page - Sanyo Semicon Device LC72144M Datasheet HTML 11Page - Sanyo Semicon Device LC72144M Datasheet HTML 12Page - Sanyo Semicon Device LC72144M Datasheet HTML 13Page - Sanyo Semicon Device LC72144M Datasheet HTML 14Page - Sanyo Semicon Device LC72144M Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Continued from preceding page.
No. 5377-11/22
LC72144M
No.
Control section/
Function
Related data
data
Control data for
the DO and
I/O-5 pins
ULD, DT0,
DT1, IL0, IL1
A/D converter
control data
ADS, ADI0,
ADI1
(4)
(5)
OUT5
I/O-1, I/O-2, I/O-5
Data that determines the DO and I/O-5 pin outputs
Note: end-AD: A/D converter conversion completion
end-UC: General-purpose counter conversion completion
Note: 1.
Note: 2. However, this pin becomes open if the I/O-1 and I/O-2 pins are specified to be output ports.
Note: 2. Invalid if the I/O-5 pin is specified to be an input port.
Note: Cannot be used when the crystal oscillator is stopped. (The DO pin will not change state.)
(Reference divider: When R3 = R2 = R1 = 1, and R0 = 0)
A/D converter conversion start data
ADS = 1: Resets and starts the A/D converter
= 0: Resets the A/D converter
If ADC0 and ADC1 are specified for AD input at the same time, conversions are performed in the order
ADC0 first, then ADC1.
See the item on the structure of the A/D converter for details.
ULD
DT1
DT0
DO
I/O-5
0
0
0
Low when unlocked
0
0
1
end-AD
OUT5 flag*2
0
1
0
end-UC
0
1
1
IN*1
1
0
0
Open
1
0
1
end-AD
Low when unlocked*2
1
1
0
end-UC
1
1
1
IN*1
ADI1
ADI0
AD input pin
1
1
Stopped
1
0
ADC0
0
1
ADC1
0
0
ADC0, ADC1
Continued on next page.
IL1
IL0
IN state
0
0
Open
0
1
I-1 (pin state)
1
0
I-2 (pin state)
1
1
DO goes low when I-1 changes.
Start
CE: High
Finish
(I-1 charge)


Podobny numer części - LC72144M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
LC72140M SANYO-LC72140M Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72146M SANYO-LC72146M Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
More results

Podobny opis - LC72144M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com