Zakładka z wyszukiwarką danych komponentów |
|
LC72191JM Arkusz danych(PDF) 9 Page - Sanyo Semicon Device |
|
LC72191JM Arkusz danych(HTML) 9 Page - Sanyo Semicon Device |
9 / 16 page Continued from preceding page. DO Output Format (serial data output) The LC72191 includes a 28-bit internal shift register that can be used to output the following data from DO: the IN0 and IN1 input port states, the general-purpose counter (20-bit binary counter) and the unlock detection circuit state. The contents of the shift register is latched at the point that serial data output mode is selected. No. 3985-9/16 LC72191, 72191M, 72191JM No. Control block/data Description Related data (5) (6) (7) (8) (9) (10) (11) Divider selection data DV Sensitivity selection data SP General-purpose counter input pin selection data SC General-purpose counter frequency/period mode switching data SF General-purpose counter count time selection data GT Time base output control data TB LSI test mode control data T0, T1 • DV selects the local oscillator input pin. (FMIN or AMIN) • SP switches the input frequency range when AMIN is selected. * don’t care • SC selects the input pin (HCTR or LCTR) for the general-purpose counter. • SF selects the measurement type (frequency or period) when LCTR is selected. When HCTR is selected, SF is ignored and the LC72191 operates in frequency measurement mode. * don’t care • GT selects the measurement time in frequency measurement mode and the number of periods in period measurement mode. GT = 0: 12 ms/one period GT = 1: 24 ms/two periods (frequency measurement/period measurement) • When TB is set to 1 an 8 Hz 40% duty clock time base signal is output from OUT0. O0 bit is ignored in this mode. • T0 and T1 switch the LSI between test and normal operating modes. The test modes and have no user related functions. Both T0 and T1 must always be set to 0. Be sure to set both T0 and T1 to 0 after power is applied. CTEN GT CTEN SC SF O0 DV SP Input pin Input frequency range (MHz) 1 * FMIN 10 to 130 0 1 AMIN 2 to 40 0 0 AMIN 0.5 to 10 DV SP Input pin Measurement type 1 * HCTR Frequency measurement (sine wave) 0 1 LCTR Frequency measurement (sine wave) 0 0 LCTR Period measurement (pulse waveform) No. Data Description (1) Input port data • The values of the IN0 and IN1 input ports are latched into I0 and I1. I0 and I1 I0 ← IN0, I1 ← IN1 General-purpose • The C19 to C0 data is latched from value of the general-purpose 20-bit binary counter. (2) counter binary data C19 ← 20-bit binary counter MSB C19 to C0 C0 → 20-bit binary counter LSB • The UL3 to UL0 data is latched from the unlock detection circuit. PLL unlock state data UL0: 1.11 (3) UL3 to UL0 UL1: 2.22 These bits are set to 1 if a phase difference in excess of these times (in µs) was detected. UL2: 3.33 (for a 7.2 MHz crystal) UL3: 0.55 |
Podobny numer części - LC72191JM |
|
Podobny opis - LC72191JM |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |