Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC72323-XXXX Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC72323-XXXX
Szczegółowy opis  Provisional Development Specifications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72323-XXXX Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC72323-XXXX Datasheet HTML 1Page - Sanyo Semicon Device LC72323-XXXX Datasheet HTML 2Page - Sanyo Semicon Device LC72323-XXXX Datasheet HTML 3Page - Sanyo Semicon Device LC72323-XXXX Datasheet HTML 4Page - Sanyo Semicon Device LC72323-XXXX Datasheet HTML 5Page - Sanyo Semicon Device LC72323-XXXX Datasheet HTML 6Page - Sanyo Semicon Device LC72323-XXXX Datasheet HTML 7Page - Sanyo Semicon Device LC72323-XXXX Datasheet HTML 8Page - Sanyo Semicon Device LC72323-XXXX Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
No. 4934-3/27
LC72323-XXXX
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Power down detection voltage
VDET
2.7
3.0
3.3
V
IIH (1)
TELIN, HOLD, RES, ADI, SNS, SK, DK, SD, ST:
3.0
µA
VI = 5.5 V
Input high level current
IIH (2)
XIN: VI = VDD = 5.0 V
2.0
5.0
15
µA
IIH (3)
FM OSC, AM OSC, FMIF, AMIF: VI = VDD = 5.0 V
4.0
10
30
µA
IIH (4)
K0, K1, K2, K3: VI = VDD = 5.0 V
50
µA
IIH (5)
TAPE, TAPERUN: VI = VDD
3.0
µA
IIL (1)
TELIN, HOLD, RES, ADI, SNS, SK, DK, SD, ST:
3.0
µA
VI = VSS
Input low level current
IIL (2)
XIN: VI = VSS
2.0
5.0
15
µA
IIL (3)
FM OSC, AM OSC, FMIF, AMIF: VI = VSS
4.0
10
30
µA
IIL (4)
TAPE, TAPERUN: VI = VSS
3.0
µA
Input floating voltage
VIF
K0, K1, K2, K3
0.05 VDD
V
Pull-down resistance
RPD
K0, K1, K2, K3: VDD = 5 V
75
100
200
k
IOFFH (1)
EO1, EO2: VO = VDD
0.01
10
nA
KS0 to KS6, CE/KS7, CLK/KS8, DI/KS9, LEDFL,
Output off leakage current
IOFFH (2)
AMUTE, LOUDNESS, APSS, METAL, DOLBY,
3.0
µA
STEREO, LOCAL: VO = VDD
IOFFH (3)
BAND1, BAND2, BEEP, POWER: VO = 13 V
5.0
µA
IOFFL (1)
EO1, EO2: VO = VSS
0.01
10
nA
Output off leakage current
KS0 to KS6, CE/KS7, CLK/KS8, DI/KS9, LEDFL,
IOFFL (2)
AMUTE, LOUDNESS, APSS, METAL, DOLBY,
3.0
µA
STEREO, LOCAL: VO = VSS
VOH (1)
KS0 to KS6, CE/KS7: IO = 1 mA
VDD – 2.0
VDD – 1.0
VDD – 0.5
V
VOH (2)
LOUDNESS, APSS, METAL, DOLBY, STEREO,
VDD – 1.0
V
LOCAL: IO = 1 mA
Output high level voltage
VOH (3)
EO1, EO2: IO = 500 µA
VDD – 1.0
V
VOH (4)
XOUT: IO = 200 µA
VDD – 1.0
V
VOH (5)
S1 to S28: IO = 0.1 mA
VDD – 1.0
V
VOH (6)
COM1, COM2: IO = 25 µA
VDD – 0.75
VDD – 0.5
VDD – 0.3
V
VOH (7)
AMUTE, LEDFL, CLK/KS8, DI/KS9: IO = 5 mA
VDD – 1.0
V
VOL (1)
KS0 to KS6, CE/KS7: IO = 50 µA
0.5
1.0
2.0
V
VOL (2)
LOUDNESS, APSS, METAL, DOLBY, STEREO,
1.0
V
LOCAL: IO = 1 mA
VOL (3)
EO1, EO2: IO = 500 µA
1.0
V
Output low level voltage
VOL (4)
XOUT: IO = 200 µA
1.0
V
VOL (5)
S1 to S28: IO = 0.1 mA
1.0
V
VOL (6)
AMUTE, LEDFL, CLK/KS8, DI/KS9: IO = 5 mA
1.0
V
VOL (7)
COM1, COM2: IO = 25 µA
0.3
0.5
0.75
V
VOL (8)
BAND1, BAND2, BEEP, POWER: IO = 5 mA
0.75
2.0
V
(150
Ω)
(400
Ω)
Output mid-level voltage
VM
COM1, COM2, VDD = 5 V, IO = 20 µA
2.0
2.5
3.0
V
IDD (1)
VDD (1), FIN (2) = 130 MHz
15
20
mA
IDD (2)
VDD (2), PLL stopped, (hold mode, Figure 1)
1.0
mA
Current drain
IDD (3)
VDD = 5.5 V, oscillator stopped, Ta = 25°C
5
µA
(backup mode, Figure 2)
IDD (4)
VDD = 2.5 V, oscillator stopped, Ta = 25°C
1
µA
(backup mode, Figure 2)
Electrical Characteristics for the Allowable Operating Ranges


Podobny numer części - LC72323-XXXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323N SANYO-LC72323N Datasheet
357Kb / 13P
   LC72321N
LC72323R SANYO-LC72323R Datasheet
205Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
More results

Podobny opis - LC72323-XXXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marl International Limi...
356-308-04 MARL-356-308-04_15 Datasheet
266Kb / 3P
   Provisional
570-320-04 MARL-570-320-04_15 Datasheet
413Kb / 3P
   Provisional
571-520-04 MARL-571-520-04_15 Datasheet
284Kb / 3P
   Provisional
660-308-64 MARL-660-308-64_15 Datasheet
309Kb / 3P
   Provisional
661-508-64 MARL-661-508-64_15 Datasheet
330Kb / 3P
   Provisional
573-520-04 MARL-573-520-04_15 Datasheet
306Kb / 3P
   Provisional
357-508-04 MARL-357-508-04_15 Datasheet
281Kb / 3P
   Provisional
572-320-04 MARL-572-320-04_15 Datasheet
290Kb / 3P
   Provisional
logo
International Rectifier
IRF7811ATR IRF-IRF7811ATR Datasheet
133Kb / 4P
   PROVISIONAL DATASHEET
logo
Dynex Semiconductor
DIM300XCM45-F000 DYNEX-DIM300XCM45-F000 Datasheet
180Kb / 8P
   IGBT Chopper Module Provisional
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com