Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC723740 Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LC723740
Szczegółowy opis  ETR Microcontrollers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723740 Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

Back Button LC723740 Datasheet HTML 3Page - Sanyo Semicon Device LC723740 Datasheet HTML 4Page - Sanyo Semicon Device LC723740 Datasheet HTML 5Page - Sanyo Semicon Device LC723740 Datasheet HTML 6Page - Sanyo Semicon Device LC723740 Datasheet HTML 7Page - Sanyo Semicon Device LC723740 Datasheet HTML 8Page - Sanyo Semicon Device LC723740 Datasheet HTML 9Page - Sanyo Semicon Device LC723740 Datasheet HTML 10Page - Sanyo Semicon Device LC723740 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Test Circuits
No. 5931-7/14
LC723732/40/48/56/64
Note: Ports PB through PG, and PJ through PT are all left open.
However, ports PB through PG, PK through PT, EO3, and
SUBPD are left open in output mode.
Note: Ports PA through PT are all left open.
Figure 1 IDD2 in Halt Mode
Figure 2 IDD3 and IDD4 in Backup Mode
Pin Descriptions
Pin No.
Symbol
I/O
Function
Equivalent circuit
Dedicated input ports.
These ports are designed with a low threshold voltage.
The pull-down resistors for all four pins are set up together with an IOS1 instruction.
The pull-down resistors cannot be set individually.
Input is disabled in backup mode.
32
31
30
29
PA0
PA1
PA2
PA3
I
General-purpose I/O ports
The mode (input or output) is set using the IOS2 instruction.
Input is disabled and the pins go to the high-impedance state in backup mode.
These ports are set up as general-purpose input ports after a power on reset.
28
27
26
25
PB0
PB1
PB2
PB3
I/O
General-purpose I/O ports (high-voltage input and output)
The mode (input or output) is set using the IOS2 instruction.
External pull-up resistors are required since the output circuits are open drain
circuits.
Input is disabled and the pins go to the high-impedance state in backup mode.
These ports are set up as general-purpose input ports after a power on reset.
24
23
22
21
PC0
PC1
PC2
PC3
I/O
General-purpose I/O and external interrupt shared function ports
The input formats are Schmitt inputs.
The external interrupt function is enabled when the external interrupt enable flag is
set.
• When used as general-purpose I/O ports:
The mode (input or output) is set in 1-bit units using the IOS2 instruction.
• When used as external interrupt pins:
The external interrupt functions are enabled by setting the corresponding external
interrupt enable flag (INT4EN or INT5EN). Here, the pins must be set to input
mode in advance.
Input is disabled and the pins go to the high-impedance state in backup mode.
These ports are set up as general-purpose input ports after a power on reset.
20
19
18
17
PD0/INT4
PD1/INT5
PD2
PD3
I/O
Continued on next page.


Podobny numer części - LC723740

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC723782N SANYO-LC723782N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC723783N SANYO-LC723783N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC723784 SANYO-LC723784 Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC723785 SANYO-LC723785 Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
More results

Podobny opis - LC723740

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com