Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC72705E Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LC72705E
Szczegółowy opis  FM Multiplex Receiver IC for VICS Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72705E Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72705E Datasheet HTML 2Page - Sanyo Semicon Device LC72705E Datasheet HTML 3Page - Sanyo Semicon Device LC72705E Datasheet HTML 4Page - Sanyo Semicon Device LC72705E Datasheet HTML 5Page - Sanyo Semicon Device LC72705E Datasheet HTML 6Page - Sanyo Semicon Device LC72705E Datasheet HTML 7Page - Sanyo Semicon Device LC72705E Datasheet HTML 8Page - Sanyo Semicon Device LC72705E Datasheet HTML 9Page - Sanyo Semicon Device LC72705E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Layer 4 CRC Data Input Timing
Serial Control Data Input Settings
The input data consists of 16 bits (DI0 to DI15). The upper 8 bits (DI8 to DI15) are the control address and the lower 8
bits (DI0 to DI7) are the input data. Bits DI12 to DI15 are ignored.
• Number of allowed BIC errors
This IC’s synchronization circuit operates by recognizing a 16-bit BIC code. The number of allowed errors is the
number of allowed error bits in the 16 bits used for BIC recognition. This data item allows the forward protection mode
(used when synchronized) and the backward protection mode (used when not synchronized) values to be set
independently. The default value is to allow up to 2 error bits in both the forward and backward directions. We
recommend setting the backward protection mode number of allowable BIC errors to 1 or 0 if the block
synchronization recognition output (the BLOCK pin, pin 23) is used to recognize the presence or absence of FM
multiplex data.
• Block synchronization errors protection count
The synchronization protection count can be set independently in the forward and backward directions. The protection
count conditions are as follows.
— Backward protection (unsynchronized, BLOCK = low)
When the timing of the IC’s internal synchronization free-running counter matches that of the received BIC, the
protection count is incremented by 1. Similarly, if the IC internal counter and the received BIC do not match, the
counter is cleared to 0. The count timing is the timing of the IC internal counter.
— Forward protection (synchronized, BLOCK = high)
Operation is the opposite of the backward case, namely, the protection count is incremented when the timing of the
IC’s internal synchronization free-running counter does not match that of the received BIC, and the protection
count is cleared to zero when the timing matches.
Figure 1 shows the protection counter when both the forward and backward protection counts are set to 3. This IC
defines the protection counter value to be 1 at the point where a match or a mismatch occurs between the IC
internal timing and the received BIC timing. For example, a backward protection count of 2 corresponds to the case
where the IC internal timing and the received BIC timing match two times consecutively. To set the protection data
to new values, applications must send data in which 1 has been subtracted from the desired values, e.g. to set up
protection counts of 3 as shown in figure 1, applications must send the value 22H. Similarly, if the value set is 00,
due to the definition, the protection counts for both the forward and backward directions will be set to 1. However,
from an operation standpoint, this corresponds to operation equivalent to there being no protection circuit. The
default values are a forward protection count of 8 and a backward protection count of 2. We recommend resetting
the block synchronization backward protection count to a value more strict than the default, e.g. to a value of 3 or
more as opposed to the default of 2, if the block synchronization recognition output (the BLOCK pin, pin 23) is
used to recognize the presence or absence of FM multiplex data.
No. 5744-6/14
LC72705E
CRC4 pin output
Register
Address
Data
Default setting
DI11
DI10
DI9
DI8
Number of allowable BIC errors
0
0
0
0
Upper 4 bits
Allowed error bits backward
2
Lower 4 bits
Allowed error bits forward
2
Number of block error protection states
0
0
0
1
Upper 4 bits
Block backward protection
1
Lower 4 bits
Block forward protection
7
Number of frame error protection states
0
0
1
0
Upper 4 bits
Frame backward protection
1
Lower 4 bits
Frame forward protection
7
Control register
0
0
1
1
See the control register description on page 8
CRC4 output after N items transferred
Note: The N items are 8-bit units.


Podobny numer części - LC72705E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72700 SANYO-LC72700 Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700G SANYO-LC72700G Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72706 SANYO-LC72706 Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72706E SANYO-LC72706E Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
More results

Podobny opis - LC72705E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72709E SANYO-LC72709E Datasheet
194Kb / 16P
   FM Multiplex Reception IC for Mobile Systems
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com