Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC72709 Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LC72709
Szczegółowy opis  FM Multiplex Reception IC for Mobile Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72709 Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LC72709 Datasheet HTML 1Page - Sanyo Semicon Device LC72709 Datasheet HTML 2Page - Sanyo Semicon Device LC72709 Datasheet HTML 3Page - Sanyo Semicon Device LC72709 Datasheet HTML 4Page - Sanyo Semicon Device LC72709 Datasheet HTML 5Page - Sanyo Semicon Device LC72709 Datasheet HTML 6Page - Sanyo Semicon Device LC72709 Datasheet HTML 7Page - Sanyo Semicon Device LC72709 Datasheet HTML 8Page - Sanyo Semicon Device LC72709 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
No. 5876-5/16
LC72709E, 72709W
Continued from preceding page.
Pin No.
Pin Name
Function
I/O
Circuit type
LC72709E LC72709W
Output
VDDA
VSSA
VDDD
VSSD
54
50
3, 14, 35,
15, 34, 62
37
34
2, 10, 24
11,23, 43
Analog system power supply
Analog system ground
Digital system power supply (4.5 to 5.5 V)
Digital system ground
NC
1, 4, 8,
12, 16,
17, 21,
25, 28,
32, 33,
37, 41,
45, 48,
49, 53,
56, 60,
64
Not connection
Note: A capacitor of at least 2000 pF must be inserted between VDDD and VSSD when using this IC.
VREF
35
Reference voltage output (Vdda/2)
51
Data I/O Techniques
• CCB Technique
Sanyo audio ICs input and output data using the Sanyo CCB (computer control bus) standard, which is a serial bus
format. This IC uses an 8-bit address CCB and uses the following addresses.
• Data Input Timing
I/O mode
Address
Function
B0
B1
B2
B3
A0
A1
A2
A3
Input
0
1
0
1
1
1
1
1
16-bit control data input
Output
1
1
0
1
1
1
1
1
Data output for the input clock (CL)
Input
0
0
1
1
1
1
1
1
Data input (in 8-bit units) for the layer 4 CRC check circuit
Internal data latching
A10595
• Data Output Timing
A10596
Note:The DO pin is normally left open.
Since the DO pin is an n-channel open drain pin, the time required for the data to change from the low level to the high level depends on the value of
the pull-up resistor.


Podobny numer części - LC72709

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72700 SANYO-LC72700 Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700G SANYO-LC72700G Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results

Podobny opis - LC72709

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
logo
Panasonic Semiconductor
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
   FM multiplex reception IC
logo
Sanyo Semicon Device
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
logo
OKI electronic componet...
MSM9562 OKI-MSM9562 Datasheet
108Kb / 10P
   IC for FM Multiplex Data Demodulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com