Zakładka z wyszukiwarką danych komponentów |
|
ADS58B18 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
ADS58B18 Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 68 page ADS58B18 ADS58B19 www.ti.com SBAS487D – NOVEMBER 2009 – REVISED JANUARY 2011 RECOMMENDED OPERATING CONDITIONS ADS58B18, ADS58B19 MIN TYP MAX UNIT SUPPLIES AVDD Analog supply voltage 1.7 1.8 1.9 V AVDD_BUF Analog buffer supply voltage 3 3.3 3.6 V DRVDD Digital supply voltage 1.7 1.8 1.9 V ANALOG INPUTS Differential input voltage range 1.5 VPP Input common-mode voltage 1.7 ± 0.05 V Maximum analog input frequency with 1.5VPP input amplitude (1) 400 MHz Maximum analog input frequency with 1VPP input amplitude (1) 600 MHz CLOCK INPUT Input clock sample rate: ADS58B18 Enable low speed mode(2) 30 80 MSPS Low speed mode disabled (default mode after reset) > 80 200 MSPS Input clock sample rate: ADS58B19 Enable low speed mode(2) 30 80 MSPS Low speed mode disabled (default mode after reset) > 80 250 MSPS Input clock amplitude differential (VCLKP – VCLKM) Sine wave, ac-coupled 0.2 1.5 VPP LVPECL, ac-coupled 1.6 VPP LVDS, ac-coupled 0.7 VPP LVCMOS, single-ended, ac-coupled 1.8 V Input clock duty cycle 35 50 65 % DIGITAL OUTPUTS Maximum external load capacitance from each output pin to CLOAD 5 pF DRGND Differential load resistance between the LVDS output pairs RLOAD 100 Ω (LVDS mode) TA Operating free-air temperature –40 +85 °C (1) See the Theory of Operation section in the Application Information. (2) See the Serial Interface section for details on the low-speed mode. © 2009–2011, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): ADS58B18 ADS58B19 |
Podobny numer części - ADS58B18_11 |
|
Podobny opis - ADS58B18_11 |