Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS58B18IRGZR Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS58B18IRGZR
Szczegółowy opis  11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58B18IRGZR Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS58B18IRGZR Datasheet HTML 1Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 2Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 3Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 4Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 5Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 6Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 7Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 8Page - Texas Instruments ADS58B18IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
ADS58B18
ADS58B19
www.ti.com
SBAS487D
– NOVEMBER 2009 – REVISED JANUARY 2011
RECOMMENDED OPERATING CONDITIONS
ADS58B18, ADS58B19
MIN
TYP
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
1.7
1.8
1.9
V
AVDD_BUF
Analog buffer supply voltage
3
3.3
3.6
V
DRVDD
Digital supply voltage
1.7
1.8
1.9
V
ANALOG INPUTS
Differential input voltage range
1.5
VPP
Input common-mode voltage
1.7
± 0.05
V
Maximum analog input frequency with 1.5VPP input amplitude
(1)
400
MHz
Maximum analog input frequency with 1VPP input amplitude
(1)
600
MHz
CLOCK INPUT
Input clock sample rate: ADS58B18
Enable low speed mode(2)
30
80
MSPS
Low speed mode disabled (default mode after reset)
> 80
200
MSPS
Input clock sample rate: ADS58B19
Enable low speed mode(2)
30
80
MSPS
Low speed mode disabled (default mode after reset)
> 80
250
MSPS
Input clock amplitude differential (VCLKP – VCLKM)
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
1.8
V
Input clock duty cycle
35
50
65
%
DIGITAL OUTPUTS
Maximum external load capacitance from each output pin to
CLOAD
5
pF
DRGND
Differential load resistance between the LVDS output pairs
RLOAD
100
Ω
(LVDS mode)
TA
Operating free-air temperature
–40
+85
°C
(1)
See the Theory of Operation section in the Application Information.
(2)
See the Serial Interface section for details on the low-speed mode.
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS58B18 ADS58B19


Podobny numer części - ADS58B18IRGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58B18IRGZR TI1-ADS58B18IRGZR Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B18IRGZR TI1-ADS58B18IRGZR Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Podobny opis - ADS58B18IRGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58B19IRGZT TI1-ADS58B19IRGZT Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B18 TI1-ADS58B18_14 Datasheet
1Mb / 70P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS Ultralow-Power ADCs with Analog Buffer
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com