Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS58B18IRGZT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS58B18IRGZT
Szczegółowy opis  11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58B18IRGZT Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS58B18IRGZT Datasheet HTML 1Page - Texas Instruments ADS58B18IRGZT Datasheet HTML 2Page - Texas Instruments ADS58B18IRGZT Datasheet HTML 3Page - Texas Instruments ADS58B18IRGZT Datasheet HTML 4Page - Texas Instruments ADS58B18IRGZT Datasheet HTML 5Page - Texas Instruments ADS58B18IRGZT Datasheet HTML 6Page - Texas Instruments ADS58B18IRGZT Datasheet HTML 7Page - Texas Instruments ADS58B18IRGZT Datasheet HTML 8Page - Texas Instruments ADS58B18IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
ADS58B18
ADS58B19
SBAS487D
– NOVEMBER 2009 – REVISED JANUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: ADS58B18/ADS58B19
Typical values are at +25
°C, AVDD = 1.8V, AVDD_BUF = 3.3V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential
analog input, and DDR LVDS interface, unless otherwise noted. Minimum and maximum values are across the full
temperature range:
TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and DRVDD = 1.8V.
ADS58B18
ADS58B19
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
11
9
Bits
fIN = 10MHz
66.3
55.8
dBFS
fIN = 70MHz
66.2
55.8
dBFS
SNR (signal-to-noise ratio), LVDS
fIN = 100MHz
66.1
55.8
dBFS
fIN = 170MHz
64.5
66
54.7
55.8
dBFS
fIN = 300MHz
65.3
55.8
dBFS
fIN = 10MHz
66.2
55.8
dBFS
fIN = 70MHz
66.1
55.8
dBFS
SINAD (signal-to-noise and distortion ratio),
fIN = 100MHz
66
55.8
dBFS
LVDS
fIN = 170MHz
64
65.8
54.2
55.8
dBFS
fIN = 300MHz
64.8
55.7
dBFS
fIN = 10MHz
87.5
76.5
dBc
fIN = 70MHz
87
76.2
dBc
Spurious-free dynamic range
SFDR
fIN = 100MHz
87
76.1
dBc
fIN = 170MHz
71
81
68.5
76
dBc
fIN = 300MHz
75
75.7
dBc
fIN = 10MHz
86.5
85
dBc
fIN = 70MHz
85
80
dBc
Total harmonic distortion
THD
fIN = 100MHz
84
79
dBc
fIN = 170MHz
70
81
67.5
80.5
dBc
fIN = 300MHz
74.5
71.5
dBc
fIN = 10MHz
90
88
dBc
fIN = 70MHz
91
89
dBc
Second-harmonic distortion
HD2
fIN = 100MHz
92
85
dBc
fIN = 170MHz
71
87
68.5
85
dBc
fIN = 300MHz
79
75
dBc
fIN = 10MHz
87.5
89
dBc
fIN = 70MHz
87
90
dBc
Third-harmonic distortion
HD3
fIN = 100MHz
87
82
dBc
fIN = 170MHz
76
81
68.5
85
dBc
fIN = 300MHz
75
75
dBc
fIN = 10MHz
91
76.5
dBc
fIN = 70MHz
91
76.2
dBc
Worst spur
fIN = 100MHz
90
76.1
dBc
(other than second and third harmonics)
fIN = 170MHz
76
89
68.5
76
dBc
fIN = 300MHz
88
76
dBc
Two-tone intermodulation
f1 = 185MHz, f2 = 190MHz,
IMD
–86
–86
dBFS
distortion
each tone at
–7dBFS
Recovery to within 1% (of final
Clock
Input overload recovery
value) for 6dB overload with
1
1
cycles
sine-wave input
For 100mVPP signal on AVDD
AC power-supply rejection ratio
PSRR
> 30
> 30
dB
supply, up to 10MHz
Effective number of bits
ENOB
fIN = 170MHz
10.6
9
LSBs
Differential nonlinearity
DNL
fIN = 170MHz
–0.7
±0.25
2
–0.6
±0.15
0.85
LSBs
Integral nonlinearity
INL
fIN = 170MHz
±0.5
±2.5
±0.25
±1.2
LSBs
4
Submit Documentation Feedback
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS58B18 ADS58B19


Podobny numer części - ADS58B18IRGZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58B18IRGZT TI1-ADS58B18IRGZT Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B18IRGZT TI1-ADS58B18IRGZT Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Podobny opis - ADS58B18IRGZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58B19IRGZT TI1-ADS58B19IRGZT Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B18 TI1-ADS58B18_14 Datasheet
1Mb / 70P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS Ultralow-Power ADCs with Analog Buffer
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com