Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS58B19IRGZR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS58B19IRGZR
Szczegółowy opis  11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58B19IRGZR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS58B19IRGZR Datasheet HTML 4Page - Texas Instruments ADS58B19IRGZR Datasheet HTML 5Page - Texas Instruments ADS58B19IRGZR Datasheet HTML 6Page - Texas Instruments ADS58B19IRGZR Datasheet HTML 7Page - Texas Instruments ADS58B19IRGZR Datasheet HTML 8Page - Texas Instruments ADS58B19IRGZR Datasheet HTML 9Page - Texas Instruments ADS58B19IRGZR Datasheet HTML 10Page - Texas Instruments ADS58B19IRGZR Datasheet HTML 11Page - Texas Instruments ADS58B19IRGZR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
36
35
34
33
32
31
30
29
28
27
26
25
DRGND
DRVDD
NC
NC
NC
NC
RESET
SCLK
SDATA
SEN
AVDD
AGND
1
2
3
4
5
6
7
8
9
10
11
12
DRGND
DRVDD
OVR_SDOUT
CLKOUTM
CLKOUTP
DFS
OE
AVDD
AGND
CLKP
CLKM
AGND
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
ADS58B18
ADS58B19
SBAS487D
– NOVEMBER 2009 – REVISED JANUARY 2011
www.ti.com
RGZ PACKAGE(4)
QFN-48
(TOP VIEW)
(2) The PowerPAD is connected to DRGND.
Figure 2. ADS58B19 LVDS Pinout
ADS58B18, ADS58B19 Pin Assignments (LVDS Mode)
# OF
PIN NAME
PIN NUMBER
PINS
FUNCTION
DESCRIPTION
AVDD
8, 18, 20, 22, 24, 26
6
I
1.8V analog power supply
AVDD_BUF
21
1
I
3.3V input buffer supply
AGND
9, 12, 14, 17, 19, 25
6
I
Analog ground
CLKP
10
1
I
Differential clock input, positive
CLKM
11
1
I
Differential clock input, negative
INP
15
1
I
Differential analog input, positive
INM
16
1
I
Differential analog input, negative
Outputs the common-mode voltage that can be used externally to bias the analog input
VCM
13
1
O
pins.
Serial interface RESET input.
When using the serial interface mode, the internal registers must initialize through
hardware RESET by applying a high pulse on this pin or by using the software reset
RESET
30
1
I
option; refer to the Serial Interface section.
When RESET is tied high, the internal registers are reset to the default values. In this
condition, SEN can be used as an analog control pin.
RESET has an internal 180k
Ω pull-down resistor.
This pin functions as a serial interface clock input when RESET is low. When RESET is
SCLK
29
1
I
high, SCLK has no function and should be tied to ground. This pin has an internal
180k
Ω pull-down resistor.
This pin functions as a serial interface data input when RESET is low. When RESET is
SDATA
28
1
I
high, SDATA functions as a STANDBY control pin (see Table 7). This pin has an
internal 180k
Ω pull-down resistor.
This pin functions as a serial interface enable input when RESET is low. When RESET
SEN
27
1
I
is high, SEN has no function and should be tied to AVDD. This pin has an internal
180k
Ω pull-up resistor to AVDD.
8
Submit Documentation Feedback
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS58B18 ADS58B19


Podobny numer części - ADS58B19IRGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58B19IRGZR TI1-ADS58B19IRGZR Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
More results

Podobny opis - ADS58B19IRGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58B19IRGZT TI1-ADS58B19IRGZT Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B18 TI1-ADS58B18_14 Datasheet
1Mb / 70P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS Ultralow-Power ADCs with Analog Buffer
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com