Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC848CW Arkusz danych(PDF) 2 Page - Weitron Technology

Numer części BC848CW
Szczegółowy opis  General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEITRON [Weitron Technology]
Strona internetowa  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC848CW Arkusz danych(HTML) 2 Page - Weitron Technology

  BC848CW Datasheet HTML 1Page - Weitron Technology BC848CW Datasheet HTML 2Page - Weitron Technology BC848CW Datasheet HTML 3Page - Weitron Technology BC848CW Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
-
-
-
-
-
-
-
V
V
V
-
-
-
-
-
-
-
-
-
V
V
V
V
Off Characteristics
65
45
30
80
50
30
80
50
30
6.0
6.0
5.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
BC846AW/BW
BC847AW/BW/CW
BC848AW/BW/CW
http://www.weitron.com.tw
WEITRON
2/4
Rev.B 12-Dec-06
WEITRON
Electrical Characteristics (TA=25°C Unless Otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
(IC=10mA)
BC846A Series
BC847A Series
BC848A Series
Collector-Emitter Breakdown Voltage
(IC=10μA,VEB=0)
BC846A Series
BC847A Series
BC848A Series
BC846A Series
BC847A Series
BC848A Series
BC846A Series
BC847A Series
BC848A Series
Collector-Base Breakdown Voltage
(IC=10μA)
Emitter-Base Breakdown Voltage
(IE=1.0μA)
Collector Cutoff Current
(VCB=30V)
(VCB=30V, TA=150°C)
V(BR)CEO
V(BR)CES
V(BR)CBO
V(BR)EBO
ICBO
nA
mA
15
5.0
On Characteristics
BC846A, BC847A, BC848A
BC846B, BC847B, BC848B
BC847C, BC848C,
BC846A, BC847A, BC848A
BC846B, BC847B, BC848B
BC847C, BC848C
DC Current Gain
(IC=10uA, VCE=5.0V)
(IC=2.0mA, VCE=5.0V)
Collector-Emitter Saturation Voltage
(IC=10mA, IB=0.5mA)
(IC=100mA, IB=5.0mA)
-
-
-
110
200
420
90
150
270
180
290
520
-
-
-
220
450
800
0.25
0.6
-0.7
-0.9
660
-
580
-
700
770
hFE
VCE(sat)
VBE(sat)
VBE(on)
Small-signal Characteristics
BC846A,B BC847A,B BC848A,B
BC847C, BC848C
Noise Figure
(IC=0.2mA, VCE=5.0V, Rs=2.0kΩ, f=1.0kHz, BW=200Hz)
10
4.0
NF
Output Capacitance
(VCB=10V, f=1.0MHz)
Current-Gain-Bandwidth Product
(IC=10mA, VCE=5.0V, f=100MHz)
Cobo
fT
100
dB
pF
MHz
4.5
Base-Emitter Saturation Voltage
(IC=10mA,IB=0.5mA)
(IC=100mA,IB=5.0mA)
Base-Emitter On Voltage
(IC=2.0mA,VCE=5.0V)
(IC=10mA,VCE=5.0V)


Podobny numer części - BC848CW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BC848CW SIEMENS-BC848CW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Taiwan Semiconductor Co...
BC848CW TSC-BC848CW Datasheet
334Kb / 5P
   NPN Transistor
logo
Diodes Incorporated
BC848CW DIODES-BC848CW Datasheet
47Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
logo
SeCoS Halbleitertechnol...
BC848CW SECOS-BC848CW Datasheet
909Kb / 4P
   NPN Plastic Encapsulate Transistor
logo
Infineon Technologies A...
BC848CW INFINEON-BC848CW Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
More results

Podobny opis - BC848CW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com