Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STF203-15.TC Arkusz danych(PDF) 1 Page - Semtech Corporation

Numer części STF203-15.TC
Szczegółowy opis  USB Upstream Port Filter and TVS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF203-15.TC Arkusz danych(HTML) 1 Page - Semtech Corporation

  STF203-15.TC Datasheet HTML 1Page - Semtech Corporation STF203-15.TC Datasheet HTML 2Page - Semtech Corporation STF203-15.TC Datasheet HTML 3Page - Semtech Corporation STF203-15.TC Datasheet HTML 4Page - Semtech Corporation STF203-15.TC Datasheet HTML 5Page - Semtech Corporation STF203-15.TC Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
STF203-15 THRU STF203-33
USB Upstream Port Filter and TVS
For EMI Filtering and ESD Protection
Description
Features
Schematic and PIN Configuration
Revision 03/22/2006
The STF203 is a combination EMI filter and line
termination device with integrated TVS diodes for use
on upstream USB ports. It is constructed using a
proprietary technology that allows passive components
and TVS diodes to be integrated in the same package.
Each device will provide termination, filtering, and ESD
protection for one upstream USB port. The STF203 is
an easily implemented solution for meeting the
requirements of revision 1.1 of the Universal Serial Bus
specification.
Line termination is achieved with series resistors on
both the D+ and D- USB lines. The value of series
resistance added to the output impedance of the USB
driver must be as close to possible to the 45
characteristic impedance of the cable (90
balanced)
to minimize transmission line reflections. They are
available with resistor values of 15
(STF203-15),
22
(STF203-22), and 33(STF203-33). The 1.5k
pull-up resistor is required by the USB specification to
identify the equipment as either a full-speed
(connected to D+ line) or low-speed (connected to D-
line) device. The 47pF capacitors are required to
bypass high frequency energy to ground and to control
the edge rate of the USB signals. The TVS diodes
provide ESD protection of both (D+ and D-) data lines
and the voltage bus (V
BUS). The TVS diodes on the
input/output pins provide suppression of ESD voltages
in excess of ±15kV (air discharge) and ±8kV (contact
discharge) per IEC 61000-4-2, level 4. The TVS diode
on the V
BUS pin will suppress ESD discharges in excess
of 25kV per IEC 61000-4-2.
Applications
Mechanical Characteristics
USB Ports
Cellular Handsets
PDAs
Pagers
Digital Cameras
PC Peripherals
MP3 Players
Bidirectional EMI/RFI filtering and line termination
with integrated ESD protection
ESD protection for USB power (V
BUS) and data lines
(D+ and D-) to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Filtering and termination for one USB port
Series resistors: 15
Ω, 22Ω, and 33Ω
Low TVS operating voltage (5.25V)
Low leakage current
Small SC70-6L package
Solid-state technology
EIAJ SC70-6L package
RoHS/WEEE Compliant
Molding compound flammability rating: UL 94V-0
Marking : Marking Code
Packaging : Tape and Reel per EIA 481
SC70-6L (Top View)
Circuit Diagram
.
1
5
3
6
2
4
D In/Out
D In/Out
D In/Out
D In/Out


Podobny numer części - STF203-15.TC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-22.TC SEMTECH-STF201-22.TC Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22.TCT SEMTECH-STF201-22.TCT Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22TC SEMTECH-STF201-22TC Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
More results

Podobny opis - STF203-15.TC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
STF202-22 SEMTECH-STF202-22_04 Datasheet
182Kb / 7P
   USB Upstream Port Filter and TVS
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
   USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
   USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
logo
STMicroelectronics
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com