Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STF203-22.TC Arkusz danych(PDF) 3 Page - Semtech Corporation

Numer części STF203-22.TC
Szczegółowy opis  USB Upstream Port Filter and TVS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF203-22.TC Arkusz danych(HTML) 3 Page - Semtech Corporation

  STF203-22.TC Datasheet HTML 1Page - Semtech Corporation STF203-22.TC Datasheet HTML 2Page - Semtech Corporation STF203-22.TC Datasheet HTML 3Page - Semtech Corporation STF203-22.TC Datasheet HTML 4Page - Semtech Corporation STF203-22.TC Datasheet HTML 5Page - Semtech Corporation STF203-22.TC Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
 2006 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
STF203-15 THRU STF203-33
Typical Characteristics
ESD Clamping (8kV Contact)
Typical Insertion Loss
ESD Clamping (15kV Air)
Analog Crosstalk (D+ to D-)
CH1 S21
log MAG
20 dB/
REF 0 dB
START .030 000 MHz
STOP 3 000.000 000 MHz
PRm
1
2
3
START. 030 MHz
3
STOP 000.000000 MHz
CH1 S21 LOG
3 dB / REF 0 dB
1: -20.394 dB
800 MHz
2: -15.035 dB
1.8 GHz
3: -14.781 dB
2.5 GHz
0 dB
-3 dB
-6 dB
-9 dB
-12 dB
-15 dB
-18 dB
-21 dB
-24 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz


Podobny numer części - STF203-22.TC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-22.TC SEMTECH-STF201-22.TC Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22.TCT SEMTECH-STF201-22.TCT Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22TC SEMTECH-STF201-22TC Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
More results

Podobny opis - STF203-22.TC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
STF202-22 SEMTECH-STF202-22_04 Datasheet
182Kb / 7P
   USB Upstream Port Filter and TVS
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
   USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
   USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
logo
STMicroelectronics
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com