Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA216P Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISLA216P
Szczegółowy opis  16-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216P Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISLA216P Datasheet HTML 1Page - Intersil Corporation ISLA216P Datasheet HTML 2Page - Intersil Corporation ISLA216P Datasheet HTML 3Page - Intersil Corporation ISLA216P Datasheet HTML 4Page - Intersil Corporation ISLA216P Datasheet HTML 5Page - Intersil Corporation ISLA216P Datasheet HTML 6Page - Intersil Corporation ISLA216P Datasheet HTML 7Page - Intersil Corporation ISLA216P Datasheet HTML 8Page - Intersil Corporation ISLA216P Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ISLA216P
3
FN7574.0
January 13, 2011
4
VCM
Common Mode Output
8, 9
VINN
Analog Input Negative
10, 11
VINP
Analog Input Positive
15
CLKDIV
Tri-Level Clock Divider Control
16
IPTAT
Temperature Monitor (Output current proportional to absolute temperature)
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
30
D14N
DDR Logical Bits 14, 15 Complement
31
D14P
DDR Logical Bits 14, 15 True
35
D12N
DDR Logical Bits 12, 13 Complement
36
D12P
DDR Logical Bits 12, 13 True
39
D10N
DDR Logical Bits 10, 11 Complement
40
D10P
DDR Logical Bits 10, 11 True
43
D8N
DDR Logical Bits 8, 9 Complement
44
D8P
DDR Logical Bits 8, 9 True
46
RLVDS
LVDS Bias Resistor (Connect to OVSS with 1%10k
Ω)
47, 48
CLKOUTN, CLKOUTP
LVDS Clock Output Complement, True
51
D6N
DDR Logical Bits 6, 7 Complement
52
D6P
DDR Logical Bits 6, 7 True
55
D4N
DDR Logical Bits 4, 5 Complement
56
D4P
DDR Logical Bits 4, 5 True
59
D2N
DDR Logical Bits 2, 3 Complement
60
D2P
DDR Logical Bits 2, 3 True
63
D0N
DDR Logical Bits 0, 1 Complement
64
D0P
DDR Logical Bits 0, 1 True
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
Pin Descriptions - 72 Ld QFN, LVDS Mode (Continued)
PIN NUMBER
LVDS PIN NAME
LVDS PIN FUNCTION


Podobny numer części - ISLA216P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P INTERSIL-ISLA216P Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
logo
Renesas Technology Corp
ISLA216P13 RENESAS-ISLA216P13 Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P13 RENESAS-ISLA216P13 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
More results

Podobny opis - ISLA216P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com