Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC74730M Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LC74730M
Szczegółowy opis  On-Screen Display Controller LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74730M Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LC74730M Datasheet HTML 4Page - Sanyo Semicon Device LC74730M Datasheet HTML 5Page - Sanyo Semicon Device LC74730M Datasheet HTML 6Page - Sanyo Semicon Device LC74730M Datasheet HTML 7Page - Sanyo Semicon Device LC74730M Datasheet HTML 8Page - Sanyo Semicon Device LC74730M Datasheet HTML 9Page - Sanyo Semicon Device LC74730M Datasheet HTML 10Page - Sanyo Semicon Device LC74730M Datasheet HTML 11Page - Sanyo Semicon Device LC74730M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Second byte
Note: All these registers are set to 0 by a reset due to the RST pin.
{ COMMAND 3 (Horizontal display start position and horizontal size setup command)
First byte
Second byte
Note: All these registers are set to 0 by a reset due to the RST pin.
No. 4247-8/14
LC74730M
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
Second byte identification bit
6
0
5
HP5
0
(MSB)
1
4
HP4
0
1
3
HP3
0
1
2
HP2
0
1
1
HP1
0
1
0
HP0
0
(LSB)
1
The horizontal display start position is
specified by the 6 bits HP0 to HP5.
The weight of the low-order bit is 2 Tc.
If HS is the horizontal start position then:
5
HS = Tc
× (2Σ 2nHP
n)
n = 0
Where Tc is a single period of the LC oscillator connected the
OSCIN and OSCOUT pins.
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
Second byte identification bit
6
0
5
VP5
0
(MSB)
1
4
VP4
0
1
3
VP3
0
1
2
VP2
0
1
1
VP1
0
1
0
VP0
0
(LSB)
1
The vertical display start position is
specified by the 6 bits VP0 to VP5.
The weight of the low-order bit is 2 H.
If VS is the vertical display start position then:
5
VS = H
× (2Σ 2nVP
n)
n = 0
Where H is horizontal period pulse period.
Register content
DA0 to DA7
Register name
State
Function
Note
7
1
6
0
Command 3 identification code
5
1
Sets up the horizontal display position and the character size
4
1
in the horizontal direction.
3
HS21
0
1
Horizontal character size for the
2
HS20
0
second line
1
1
HS11
0
1
Horizontal character size for the first line
0
HS10
0
1
HS21
HS20
0
1
0
1 Tc per dot
2 Tc per dot
1
3 Tc per dot
1 Tc per dot
HS11
HS10
0
1
0
1 Tc per dot
2 Tc per dot
1
3 Tc per dot
1 Tc per dot


Podobny numer części - LC74730M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC74731 SANYO-LC74731 Datasheet
157Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W Datasheet
157Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74731W ONSEMI-LC74731W Datasheet
339Kb / 39P
   On-Screen Display Controller
March 2015 - Rev. 1
LC74731W-9818-E ONSEMI-LC74731W-9818-E Datasheet
339Kb / 39P
   On-Screen Display Controller
March 2015 - Rev. 1
More results

Podobny opis - LC74730M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com