Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC74760M Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LC74760M
Szczegółowy opis  On-Screen Display IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74760M Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LC74760M Datasheet HTML 4Page - Sanyo Semicon Device LC74760M Datasheet HTML 5Page - Sanyo Semicon Device LC74760M Datasheet HTML 6Page - Sanyo Semicon Device LC74760M Datasheet HTML 7Page - Sanyo Semicon Device LC74760M Datasheet HTML 8Page - Sanyo Semicon Device LC74760M Datasheet HTML 9Page - Sanyo Semicon Device LC74760M Datasheet HTML 10Page - Sanyo Semicon Device LC74760M Datasheet HTML 11Page - Sanyo Semicon Device LC74760M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
3
COMMAND2: Vertical Display Position Setting Command
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
1
6
0
The command 2 identification code:
5
1
sets the vertical display position.
4
0
3
SZ21
0
1
Character size for the second line
2
SZ20
0
1
1
SZ11
0
1
Character size for the first line
0
SZ10
0
1
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
Second byte identification code
6
0
5
VP5
0
The vertical display start position is given by
(MSB)
1
4
VP4
0
1
where H is the horizontal synchronization pulse period.
3
VP3
0
The six bits VP0 to VP5 specify the
1
vertical display start position.
2
VP2
0
The weight of the lsb is 1
× H.
1
1
VP1
0
1
0
VP0
0
(LSB)
1
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
4
COMMAND3: Horizontal Display Position Setting Command
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
1
6
0
The command 3 identification code:
5
1
sets the horizontal display position.
4
1
3
SZB1
0
1
The character size for the eleventh line.
2
SZB0
0
1
1
SZ91
0
1
The character size for the ninth line.
0
SZ90
0
1
No. 4453-8/14
LC74760, 74760M
SZ20
SZ21
0
1
0
Normal size
Double size
1
Triple size
Normal size
SZ10
SZ11
0
1
0
Normal size
Double size
1
Triple size
Normal size
SZB0
SZB1
0
1
0
Normal size
Double size
1
Triple size
Normal size
SZ90
SZ91
0
1
0
Normal size
Double size
1
Triple size
Normal size
5
VS = H
× ( Σ 2nVPn)
n = 0


Podobny numer części - LC74760M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results

Podobny opis - LC74760M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
logo
New Japan Radio
NJM2252 NJRC-NJM2252 Datasheet
357Kb / 10P
   ON SCREEN DISPLAY MIX IC
logo
Sanyo Semicon Device
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com