Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29030A Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL29030A
Szczegółowy opis  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030A Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL29030A Datasheet HTML 7Page - Intersil Corporation ISL29030A Datasheet HTML 8Page - Intersil Corporation ISL29030A Datasheet HTML 9Page - Intersil Corporation ISL29030A Datasheet HTML 10Page - Intersil Corporation ISL29030A Datasheet HTML 11Page - Intersil Corporation ISL29030A Datasheet HTML 12Page - Intersil Corporation ISL29030A Datasheet HTML 13Page - Intersil Corporation ISL29030A Datasheet HTML 14Page - Intersil Corporation ISL29030A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL29030A
11
FN7722.0
November 18, 2010
back from within. As a result, the proximity count peaks
at contact and monotonically decreases as skin moves
away. The reflective characteristics of skin are very
different from that of paper.
Typical Circuit
A typical application for the ISL29030A is shown in
Figure 5. The ISL29030A’s I2C address is internally
hardwired as 0b1000100. The device can be tied onto a
system’s I2C bus together with other I2C compliant
devices.
Soldering Considerations
Convection heating is recommended for reflow soldering;
direct-infrared heating is not recommended. The plastic
ODFN package does not require a custom reflow
soldering profile, and is qualified to +260°C. A standard
reflow soldering profile with a +260°C maximum is
recommended.
(http://www.intersil.com/data/tb/TB477.pdf)
Suggested PCB Footprint
It is important that users check the “Surface Mount
Assembly Guidelines for Optical Dual FlatPack No Lead
(ODFN) Package” before starting ODFN product board
mounting.
(http://www.intersil.com/data/tb/TB477.pdf)
Layout Considerations
The ISL29030A is relatively insensitive to layout. Like
other I2C devices, it is intended to provide excellent
performance even in significantly noisy environments.
There are only a few considerations that will ensure best
performance.
Route the supply and I2C traces as far as possible from all
sources of noise. A 0.1µF and 1µF power supply decoupling
capacitors need to be placed close to the device.
IALS
1
GND
3
REXT
4
SDA
INT
7
IRDR
8
ISL29030A
R1
10kΩ
R2
10kΩ
REXT
499kΩ
VDD
MICROCONTROLLER
INT
SDA
SLAVE_0
SLAVE_1
I2C SLAVE_n
I2C MASTER
SCL
SDA
SCL
SDA
VI2C_PULL-UP
6
R3
10kΩ
SCL
2
VDD
5
C2
0.1µF
FIGURE 5. ISL29030A TYPICAL CIRCUIT
SCL
C1
1µF
VIR-LED
V
3.5kΩ


Podobny numer części - ISL29030A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Renesas Technology Corp
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A Datasheet
502Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
November 12, 2012
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
502Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
November 12, 2012
More results

Podobny opis - ISL29030A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028A INTERSIL-ISL29028A Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com