Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC74770 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC74770
Szczegółowy opis  On-Screen Display Controller LSI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74770 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC74770 Datasheet HTML 1Page - Sanyo Semicon Device LC74770 Datasheet HTML 2Page - Sanyo Semicon Device LC74770 Datasheet HTML 3Page - Sanyo Semicon Device LC74770 Datasheet HTML 4Page - Sanyo Semicon Device LC74770 Datasheet HTML 5Page - Sanyo Semicon Device LC74770 Datasheet HTML 6Page - Sanyo Semicon Device LC74770 Datasheet HTML 7Page - Sanyo Semicon Device LC74770 Datasheet HTML 8Page - Sanyo Semicon Device LC74770 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Serial Data Input Timing
Pin Functions
No. 4248-3/11
LC74770M
No.
Symbol
Pin
Function
1
VSS
Ground pin
Ground connection
2
OSCIN
LC oscillator pin
Connections for the coil and capacitor that form the oscillator that generates the character output
3
OSCOUT
dot clock.
4
CKOUT/TEST
Clock output/test
Provides the OSCOUT output (when RST is low) and the test mode output.
output pin
5
P0
General-purpose port 0
General-purpose port (PORT0) output
output pin
6
P1
General-purpose port 1
General-purpose port (PORT1) output
output pin
7
CS
Enable input pin
Enable input for the serial data input function. Serial data input is enabled when this pin is low.
A pull-up resistor is built in, i.e., this is a hysteresis input.
8
SCLK
Clock input pin
Clock input for the serial data input function. A pull-up resistor is built in,
i.e., this is a hysteresis input.
9
SIN
Data input pin
Serial data input. A pull-up resistor is built in, i.e., this is a hysteresis input.
10
VSS
Ground pin
Ground connection
11
NC
No connection
12
NC
No connection
Unused pins.
13
NC
No connection
These pins must be left open or connected to ground.
14
NC
No connection
15
CHA1
Character 1 output pin
System 1 character data output
16
BLK1
Blank 1 output pin
System 1 blank data output
17
CHA2
Character 2 output pin
System 2 character data output
18
BLK2
Blank 2 output pin
System 2 blank data output
19
P3
General-purpose port 3
General-purpose port (PORT3) output
output pin
20
P2
General-purpose port 2
General-purpose port (PORT2) output
output pin
21
VSYNC
Vertical synchronizing
Input for the vertical synchronizing signal (active low)
signal input pin
22
HSYNC
Horizontal synchronizing
Input for the horizontal synchronizing signal (active low)
signal input pin
23
RST
Reset input pin
System reset input (active low) A pull-up resistor is built in, i.e., this is a hysteresis input.
24
VDD
Power supply pin (+5 V)
Power supply (+5 V)


Podobny numer części - LC74770

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V_99 Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
More results

Podobny opis - LC74770

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com