Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4690 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części 2SC4690
Szczegółowy opis  Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4690 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  2SC4690_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4690_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4690_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4690_04 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4690
2004-07-07
3
Collector-emitter voltage VCE (V)
IC – VCE
IC – VBE
Collector current IC (A)
hFE – IC
Collector current IC (A)
Collector current IC (A)
VCE (sat) – IC
fT – IC
Base-emitter voltage VBE (V)
Collector-emitter voltage VCE (V)
Safe Operating Area
10
0
0
8
6
4
2
2
4
6
8
10
12
Common emitter
Tc = 25°C
50
70
20
30
IB = 10 mA
100
150
200
500
300
10
0
0
8
6
4
2
0.4
0.8
1.2
1.6
2.0
2.4
Common emitter
VCE = 5 V
−25
25
Tc = 100°C
3
Common emitter
IC/IB = 10
2
0.01
0.01
0.5
0.1
0.05
0.03
0.03
0.1
10
0.3
1
1
0.3
100
25
Tc = −25°C
3
Common emitter
VCE = 5 V
1000
5
0.01
300
50
30
10
0.03
0.1
1
10
Tc = 100°C
−25
25
100
0.3
500
3
Common emitter
Tc = 25°C
VCE = 5 V
200
1
0.01
50
10
5
3
0.03
0.1
10
30
1
100
0.3
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
0.1
0.3
0.5
1
5
3
10
30
50
3
10
100
IC max (continuous)
IC max (pulsed)*
1 ms*
10 ms*
100 ms*
DC operation
(Tc = 25°C)
1
300
0.3
30
VCEO
max


Podobny numer części - 2SC4690_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
2SC4690 JMNIC-2SC4690_15 Datasheet
204Kb / 4P
   Silicon NPN Power Transistors
2SC4690_2015 JMNIC-2SC4690_2015 Datasheet
204Kb / 4P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SC4690_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com