Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL32470E Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL32470E
Szczegółowy opis  Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32470E Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL32470E Datasheet HTML 2Page - Intersil Corporation ISL32470E Datasheet HTML 3Page - Intersil Corporation ISL32470E Datasheet HTML 4Page - Intersil Corporation ISL32470E Datasheet HTML 5Page - Intersil Corporation ISL32470E Datasheet HTML 6Page - Intersil Corporation ISL32470E Datasheet HTML 7Page - Intersil Corporation ISL32470E Datasheet HTML 8Page - Intersil Corporation ISL32470E Datasheet HTML 9Page - Intersil Corporation ISL32470E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISL32470E, ISL32472E, ISL32475E, ISL32478E
6
FN7784.0
January 21, 2011
Input/Output Current (A/Y, B/Z)
IIN2
DE = 0V, VCC =0V or
5.5V
VIN = 12V
Full
-
110
250
µA
VIN = -7V
Full
-200
-75
-
µA
VIN = ±15V
Full
-800
±240
800
µA
VIN = ±60V
(Note 16)
Full
-6
±0.5
6
mA
Input Current (A, B)
(Full Duplex Versions Only)
IIN3
VCC = 0V or 5.5V
VIN = 12V
Full
-
90
125
µA
VIN = -7V
Full
-100
-70
-
µA
VIN = ±15V
Full
-500
±200
500
µA
VIN = ±60V
(Note 16)
Full
-3
±0.4
3
mA
Output Leakage Current (Y, Z)
(Full Duplex Versions Only)
IOZD
RE = 0V, DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
20
200
µA
VIN = -7V
Full
-100
-5
-
µA
VIN = ±15V
Full
-500
±40
500
µA
VIN = ±60V
(Note 16)
Full
-3
±0.1
3
mA
Receiver Differential Threshold
Voltage
VTH
-15V ≤ VCM ≤ 15V
Full
-200
-100
-10
mV
Receiver Input Hysteresis
ΔVTH
-15V ≤ VCM ≤ 15V
25
-
25
-
mV
Receiver Output High Voltage
VOH
IO = -2mA, VID = -10mV
Full
VCC - 0.5
4.75
-
V
IO = -8mA, VID = -10mV
Full
2.8
4.2
-
V
Receiver Output Low Voltage
VOL
IO = 6mA, VID = -200mV
Full
-
0.27
0.4
V
Receiver Output Low Current
IOL
VO = 1V, VID = -200mV
Full
15
22
-
mA
Three-State (High Impedance)
Receiver Output Current
IOZR
0V ≤ VO ≤ VCC
Full
-1
0.01
1
µA
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
Full
±12
-
±110
mA
SUPPLY CURRENT
No-Load Supply Current (Note 7)
ICC
DE = VCC, RE =0V or VCC,
DI = 0V or VCC
Full
-
2.3
4.5
mA
Shutdown Supply Current
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
10
50
µA
ESD PERFORMANCE
RS-485 Pins (A, Y, B, Z, A/Y, B/Z)
Human Body Model,
From Bus Pins to
GND
1/2 Duplex
25
-
±16.5
-
kV
Full Duplex
25
-
±15
-
kV
All Pins
Human Body Model, per JEDEC
25
-
±8
-
kV
Machine Model
25
-
±700
-
V
DRIVER SWITCHING CHARACTERISTICS (250kbps Versions; ISL32470E and ISL32472E)
Driver Differential Output Delay
tPLH, tPHL RD = 54Ω, CD = 50pF (Figure 4)
Full
-
320
450
ns
Driver Differential Output Skew
tSKEW
RD = 54Ω, CD = 50pF (Figure 4)
Full
-
6
30
ns
Driver Differential Rise or Fall Time
tR, tF
RD = 54Ω, CD = 50pF (Figure 4)
Full
400
650
1200
ns
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are VCC = 5V, TA = +25°C
(Note 6). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS


Podobny numer części - ISL32470E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32470E-78E INTERSIL-ISL32470E-78E Datasheet
496Kb / 3P
   Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
logo
Renesas Technology Corp
ISL32470EIBZ RENESAS-ISL32470EIBZ Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results

Podobny opis - ISL32470E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com