Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL32483EIBZ Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL32483EIBZ
Szczegółowy opis  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32483EIBZ Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL32483EIBZ Datasheet HTML 2Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 3Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 4Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 5Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 6Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 7Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 8Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 9Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ISL32483E, ISL32485E
6
FN7785.0
January 18, 2011
Input/Output Current (A/Y,
B/Z)
IIN2
DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
110
250
µA
VIN = -7V
Full
-200
-75
-
µA
VIN = ±25V
Full
-800
±240
800
µA
VIN = ±60V
(Note 17)
Full
-6
±0.7
6
mA
Input Current (A, B)
(Full Duplex Versions Only)
IIN3
VCC = 0V or 5.5V
VIN = 12V
Full
-
90
125
µA
VIN = -7V
Full
-100
-70
-
µA
VIN = ±25V
Full
-500
±200
500
µA
VIN = ±60V
(Note 17)
Full
-3
±0.5
3
mA
Output Leakage Current (Y, Z)
(Full Duplex Versions Only)
IOZD
RE = 0V, DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
20
200
µA
VIN = -7V
Full
-100
-5
-
µA
VIN = ±25V
Full
-500
±40
500
µA
VIN = ±60V
(Note 17)
Full
-3
±0.15
3
mA
Receiver Differential
Threshold Voltage
VTH
A-B if INV or RINV = 0; B-A if INV or RINV = 1,
-25V ≤ VCM ≤ 25V
Full
-200
-100
-10
mV
Receiver Input Hysteresis
DVTH
-25V ≤ VCM ≤ 25V
25
-
25
-
mV
Receiver Output High Voltage
VOH
VID = -10mV
IO = -2mA
Full
VCC - 0.5
4.75
-
V
IO = -8mA
Full
2.8
4.2
-
V
Receiver Output Low Voltage
VOL
IO = 6mA, VID = -200mV
Full
-
0.27
0.4
V
Receiver Output Low Current
IOL
VO = 1V, VID = -200mV
Full
15
22
-
mA
Three-State (High Impedance)
Receiver Output Current
IOZR
0V ≤ VO ≤ VCC (Note 16)
Full
-1
0.01
1
µA
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
Full
±12
-
±110
mA
SUPPLY CURRENT
No-Load Supply Current
(Note 7)
ICC
DE = VCC, RE =0V or VCC, DI = 0V or VCC
Full
-
2.3
4.5
mA
Shutdown Supply Current
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC (Note 16)
Full
-
10
50
µA
ESD PERFORMANCE
RS-485 Pins (A, Y, B, Z, A/Y,
B/Z)
Human Body Model,
From Bus Pins to
GND
1/2 Duplex
25
-
±16.5
-
kV
Full Duplex
25
-
±15
-
kV
All Pins
Human Body Model, per JEDEC
25
-
±8
-
kV
Machine Model
25
-
±700
-
V
DRIVER SWITCHING CHARACTERISTICS
Driver Differential Output
Delay
tPLH, tPHL RD = 54Ω, CD =50pF
(Figure 4)
No CM Load
Full
-
70
125
ns
-25V ≤ VCM ≤ 25V
Full
-
-
350
ns
Driver Differential Output
Skew
tSKEW
RD = 54Ω, CD =50pF
(Figure 4)
No CM Load
Full
-
4.5
15
ns
-25V ≤ VCM ≤ 25V
Full
-
-
25
ns
Driver Differential Rise or Fall
Time
tR, tF
RD = 54Ω, CD =50pF
(Figure 4)
No CM Load
Full
70
170
300
ns
-25V ≤ VCM ≤ 25V
Full
70
-
400
ns
Maximum Data Rate
fMAX
CD = 820pF (Figure 6)
Full
1
4
-
Mbps
Driver Enable to Output High
tZH
SW = GND (Figure 5), (Note 9)
Full
-
-
350
ns
Driver Enable to Output Low
tZL
SW = VCC (Figure 5), (Note 9)
Full
-
-
300
ns
Driver Disable from Output
Low
tLZ
SW = VCC (Figure 5)
Full
-
-
120
ns
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C (Note 6).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS


Podobny numer części - ISL32483EIBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL32483EIBZ RENESAS-ISL32483EIBZ Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
More results

Podobny opis - ISL32483EIBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com