Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL32495EIUZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL32495EIUZ
Szczegółowy opis  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32495EIUZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL32495EIUZ Datasheet HTML 1Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
5
FN7786.0
January 18, 2011
Absolute Maximum Ratings
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
Input/Output Voltages
A/Y, B/Z, A, B, Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60V
A/Y, B/Z, A, B, Y, Z
(Transient Pulse Through 100
Ω, (Note 15 on page 9) . . . . . . . . . . . ±80V
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . see “ESD PERFORMANCE” on page 6
Latch-up (Tested per JESD78, Level 2, Class A) . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld MSOP Package (Notes 4, 5) . . . . . . . .
140
40
8 Ld SOIC Package (Notes 4, 5) . . . . . . . . .
116
47
14 Ld SOIC Package (Notes 4, 5) . . . . . . . .
88
39
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Bus Pin Common Mode Voltage Range. . . . . . . . . . . . . . . . . . -25V to +25V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C (Note 6).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS
DC CHARACTERISTICS
VOD1
Driver Differential VOUT
(No load)
Full
-
-
VCC
V
VOD2
Driver Differential VOUT
(Loaded, Figure 3A)
RL = 100Ω (RS-422)
Full
2.4
3.2
-
V
RL = 54Ω (RS-485)
Full
1.5
2.5
VCC
V
RL = 54Ω (PROFIBUS, VCC ≥ 5V)
Full
2.0
2.5
RL = 21Ω (Six 120Ω terminations for Star
Configurations, VCC ≥ 4.75V)
Full
0.8
1.3
-
V
ΔVOD
Change in Magnitude of Driver
Differential VOUT for
Complementary Output
States
RL = 54Ω or 100Ω (Figure 3A)
Full
-
-
0.2
V
VOD3
Driver Differential VOUT with
Common Mode Load
(Figure 3B)
RL = 60Ω, -7V ≤ VCM ≤ 12V
Full
1.5
2.1
VCC
V
RL = 60Ω, -25V ≤ VCM ≤ 25V (VCC ≥ 4.75V)
Full
1.7
2.3
RL = 21Ω, -15V ≤ VCM ≤ 15V (VCC ≥ 4.75V)
Full
0.8
1.1
-
V
VOC
Driver Common-Mode VOUT
(Figure 3)
RL = 54Ω or 100Ω
Full
-1
-
3
V
RL = 60Ω or 100Ω, -20V ≤ VCM ≤ 20V
Full
-2.5
-
5
V
ΔVOC
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output
States
RL = 54Ω or 100Ω (Figure 3A)
Full
-
-
0.2
V
IOSD
Driver Short-Circuit Current
DE = VCC, -25V ≤ VO ≤ 25V (Note 8)
Full
-250
-
250
mA
IOSD1
At First Fold-back, 22V ≤ VO ≤ -22V
Full
-83
83
mA
IOSD2
At Second Fold-back,
35V ≤ VO ≤ -35V
Full
-13
13
mA
VIH
Logic Input High Voltage
DE, DI, RE
Full
2.5
--
V
VIL
Logic Input Low Voltage
DE, DI, RE
Full
-
-
0.8
V


Podobny numer części - ISL32495EIUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL32495EIUZ INTERSIL-ISL32495EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32495EIUZ RENESAS-ISL32495EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

Podobny opis - ISL32495EIUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com